Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRHM9064 Datasheet (PDF) - International Rectifier

IRHM9064 Datasheet PDF - International Rectifier
Part # IRHM9064
Download  IRHM9064 Download
File Size   151.71 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description TRANSISTOR P-CHANNEL(BVdss=-60V, Rds(on)=0.060ohm, Id=-35*A)

IRHM9064 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRHM9064 Datasheet PDF - International Rectifier

Part # IRHM9064
Download  IRHM9064 Click to download

File Size   151.71 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description TRANSISTOR P-CHANNEL(BVdss=-60V, Rds(on)=0.060ohm, Id=-35*A)

IRHM9064 Datasheet (HTML) - International Rectifier


IRHM9064 Product details

RAD-Hard™ HEXFET® TECHNOLOGY

International Rectifier’s RAD-Hard HEXFETTMtechnology provides high performance power MOSFETs for space applications. This technology has over a decade of proven performance and reliability in satellite applications. These devices have been characterized for both Total Dose and Single Event Effects (SEE). The combination of low Rds(on) and low gate charge reduces the power losses in switching applications such as DC to DC converters and motor control. These devices retain all of the well established advantages of MOSFETs such as voltage control, fast switching, ease of paralleling and temperature stability of electrical parameters.

Features:
■ Single Event Effect (SEE) Hardened
■ Low RDS(on)
■ Low Total Gate Charge
■ Proton Tolerant
■ Simple Drive Requirements
■ Ease of Paralleling
■ Hermetically Sealed
■ Ceramic Package
■ Light Weight




Similar Part No. - IRHM9064

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM9064 IRF-IRHM9064 Datasheet
135Kb / 8P
Simple Drive Requirements
IRHM9064 IRF-IRHM9064_15 Datasheet
135Kb / 8P
Simple Drive Requirements
More results


Similar Description - IRHM9064

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFM260 IRF-IRFM260 Datasheet
442Kb / 8P
TRANSISTOR N-CHANNEL(BVdss=200V, Rds(on)=0.060ohm, Id=35A*)
IRFN150 IRF-IRFN150 Datasheet
217Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.060ohm, Id=34A)
IRH9230 IRF-IRH9230 Datasheet
154Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.8ohm, Id=-6.5A)
IRH9250 IRF-IRH9250 Datasheet
163Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.315ohm, Id=-14A)
IRHF9130 IRF-IRHF9130 Datasheet
128Kb / 8P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-6.5A)
IRHM9160 IRF-IRHM9160 Datasheet
134Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.087ohm, Id=-35*A)
IRHM9230 IRF-IRHM9230 Datasheet
201Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.8ohm, Id=-6.5A)
IRHN9150 IRF-IRHN9150 Datasheet
112Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.120ohm, Id=-22A)
IRHNA9064 IRF-IRHNA9064 Datasheet
123Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-60V, Rds(on)=0.055ohm, Id=-48A)
IRHNA9160 IRF-IRHNA9160 Datasheet
153Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.087ohm, Id=-38A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com