Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRHN2C50SE Datasheet (PDF) - International Rectifier

IRHN2C50SE Datasheet PDF - International Rectifier
Part # IRHN2C50SE
Download  IRHN2C50SE Download
File Size   110.58 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description TRANSISTOR N-CHANNEL(BVdss=600V, Rds(on)=0.60ohm, Id=10.4A)

IRHN2C50SE Datasheet (PDF)

Go To PDF Page Download Datasheet
IRHN2C50SE Datasheet PDF - International Rectifier

Part # IRHN2C50SE
Download  IRHN2C50SE Click to download

File Size   110.58 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description TRANSISTOR N-CHANNEL(BVdss=600V, Rds(on)=0.60ohm, Id=10.4A)

IRHN2C50SE Datasheet (HTML) - International Rectifier


IRHN2C50SE Product details

600 Volt, 0.60Ω, (SEE) RAD HARD HEXFET

International Rectifier’s (SEE) RAD HARD technology HEXFETs demonstrate virtual immunity to SEE failure. Additionally, under identical pre- and post-radiation test conditions, International Rectifier’s RAD HARD HEXFETs retain identical electrical specifications up to 1 x 105 Rads (Si) total dose. No compensation in gate drive circuitry is required. These devices are also capable of surviving transient ionization pulses as high as 1 x 1012 Rads (Si)/Sec, and return to normal operation within a few microseconds. Since the SEE process utilizes International Rectifier’s patented HEXFET technology, the user can expect the highest quality and reliability in the industry.

Features:
■ Radiation Hardened up to 1 x 105 Rads (Si)
■ Single Event Burnout (SEB) Hardened
■ Single Event Gate Rupture (SEGR) Hardened
■ Gamma Dot (Flash X-Ray) Hardened
■ Neutron Tolerant
■ Identical Pre- and Post-Electrical Test Conditions
■ Repetitive Avalanche Rating
■ Dynamic dv/dt Rating
■ Simple Drive Requirements
■ Ease of Paralleling
■ Hermetically Sealed
■ Surface Mount
■ Light-Weight




Similar Part No. - IRHN2C50SE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHN2C50SE IRF-IRHN2C50SE Datasheet
36Kb / 4P
Simple Drive Requirements
IRHN2C50SE IRF-IRHN2C50SE_15 Datasheet
36Kb / 4P
Simple Drive Requirements
More results


Similar Description - IRHN2C50SE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFM260 IRF-IRFM260 Datasheet
442Kb / 8P
TRANSISTOR N-CHANNEL(BVdss=200V, Rds(on)=0.060ohm, Id=35A*)
IRHI7360SE IRF-IRHI7360SE Datasheet
112Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=400V, Rds(on)=0.20ohm, Id=24.3A)
IRHI7460SE IRF-IRHI7460SE Datasheet
131Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.32ohm, Id=20A)
IRHM2C50SE IRF-IRHM2C50SE Datasheet
134Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=600V, Rds(on)=0.60ohm, Id=10.4A)
IRHM7360SE IRF-IRHM7360SE Datasheet
146Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=400V, Rds(on)=0.20ohm, Id=22A)
IRHN7130 IRF-IRHN7130 Datasheet
508Kb / 14P
TRANSISTOR N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14)
IRHNA7460SE IRF-IRHNA7460SE Datasheet
139Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.32ohm, Id=20A)
JANTX2N6782 IRF-JANTX2N6782 Datasheet
232Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.60ohm, Id=3.5A)
JANTX2N6845 IRF-JANTX2N6845 Datasheet
232Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.60ohm, Id=-4.0A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com