Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU1030 Datasheet (PDF) - International Rectifier

IRU1030 Datasheet PDF - International Rectifier
Part # IRU1030
Download  IRU1030 Download
File Size   70.78 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description  3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR

IRU1030 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRU1030 Datasheet PDF - International Rectifier

Part # IRU1030
Download  IRU1030 Click to download

File Size   70.78 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description  3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR

IRU1030 Datasheet (HTML) - International Rectifier


IRU1030 Product details

DESCRIPTION
The IRU1030 is a low dropout three-terminal adjustable regulator with minimum of 3A output current capability. This product is specifically designed to provide well regulated supply for low voltage IC applications such as Pentiumä P54Cä, P55Cä as well as GTL+ termination for Pentium Proä and Klamathä processor applications. The IRU1030 is also well suited for other processors such as Cyrixä, AMD and Power PCä applications. The IRU1030 is guaranteed to have <1.3V dropout at full load current making it ideal to provide well regulated outputs of 2.5V to 3.3V with 4.75V to 7V input supply.

FEATURES
■ Guaranteed < 1.3V Dropout at Full Load Current
■ Fast Transient Response
■ 1% Voltage Reference Initial Accuracy
■ Output Current Limiting
■ Built-In Thermal Shutdown

APPLICATIONS
■ Low Voltage Processor Applications such as: P54Cä, P55Cä, Cyrix M2ä, POWER PCä, AMD
■ GTL+ Termination PENTIUM PROä, KLAMATHä
■ Low Voltage Memory Termination Applications
■ Standard 3.3V Chip Set and Logic Applications




Similar Part No. - IRU1030

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1030-33 IRF-IRU1030-33 Datasheet
77Kb / 4P
3A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1030-33CD IRF-IRU1030-33CD Datasheet
77Kb / 4P
3A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1030-33CM IRF-IRU1030-33CM Datasheet
77Kb / 4P
3A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1030-33CP IRF-IRU1030-33CP Datasheet
77Kb / 4P
3A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1030-33CT IRF-IRU1030-33CT Datasheet
77Kb / 4P
3A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
More results


Similar Description - IRU1030

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1085 AIC-AIC1085 Datasheet
59Kb / 7P
3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Vishay Siliconix
GS1085 VISHAY-GS1085 Datasheet
75Kb / 6P
3A Low Dropout Positive Adjustable Regulator
24-May-02
logo
GTM CORPORATION
GE1085 GTM-GE1085 Datasheet
229Kb / 4P
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1085 GTM-GU1085 Datasheet
258Kb / 4P
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1085 A-POWER-APE1085 Datasheet
209Kb / 10P
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Linear Technology
RH1085 LINER-RH1085 Datasheet
64Kb / 4P
3A Low Dropout Positive Adjustable Regulator
RH1085MK LINER-RH1085MK Datasheet
72Kb / 2P
3A Low Dropout Positive Adjustable Regulator
logo
E-Tech Electronics LTD
GU1085 ETL-GU1085 Datasheet
260Kb / 4P
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Linear Technology
RH1085 LINER-RH1085_15 Datasheet
83Kb / 6P
3A Low Dropout Positive Adjustable Regulator
RH1085MK LINER-RH1085MK_15 Datasheet
78Kb / 2P
3A Low Dropout Positive Adjustable Regulator
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com