Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB09N65 Datasheet (PDF) - Unitpower Technology Limited

UB09N65 Datasheet PDF - Unitpower Technology Limited
Part # UB09N65
Download  UB09N65 Download
File Size   727.25 Kbytes
Page   4 Pages
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited
Description N-Ch 650V Fast Switching MOSFETs

UB09N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
UB09N65 Datasheet PDF - Unitpower Technology Limited

Part # UB09N65
Download  UB09N65 Click to download

File Size   727.25 Kbytes
Page   4 Pages
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited
Description N-Ch 650V Fast Switching MOSFETs

UB09N65 Datasheet (HTML) - Unitpower Technology Limited




Similar Part No. - UB09N65

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
UB0009 ULTRALIFE-UB0009 Datasheet
424Kb / 2P
Chemical agent monitors
Rev: F
UB0020 ULTRALIFE-UB0020 Datasheet
610Kb / 2P
Rugged, portable electronic field equipment
Rev A
UB0029 ULTRALIFE-UB0029 Datasheet
636Kb / 2P
Emergency call system back-up power
Rev: -
UB0031 ULTRALIFE-UB0031 Datasheet
620Kb / 2P
Improved low temperature performance
Rev -
UB0032 ULTRALIFE-UB0032 Datasheet
474Kb / 2P
Javelin Medium Anti-Tank CLU
Rev: D
More results


Similar Description - UB09N65

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD3006 XINDEYI-UD3006 Datasheet
686Kb / 4P
N-Ch 30V Fast Switching MOSFETs
UD3010 XINDEYI-UD3010 Datasheet
716Kb / 4P
N-Ch 30V Fast Switching MOSFETs
UD6006 XINDEYI-UD6006 Datasheet
677Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UM6004 XINDEYI-UM6004 Datasheet
860Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UM9926 XINDEYI-UM9926 Datasheet
966Kb / 4P
N-Ch 20V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD01N65 UNITPOWER-UD01N65 Datasheet
688Kb / 4P
N-Ch 650V Fast Switching MOSFETs
UD02N65 UNITPOWER-UD02N65 Datasheet
698Kb / 4P
N-Ch 650V Fast Switching MOSFETs
UD03N65 UNITPOWER-UD03N65 Datasheet
761Kb / 4P
N-Ch 650V Fast Switching MOSFETs
UD04N65 UNITPOWER-UD04N65 Datasheet
766Kb / 4P
N-Ch 650V Fast Switching MOSFETs
UI01N65 UNITPOWER-UI01N65 Datasheet
694Kb / 4P
N-Ch 650V Fast Switching MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com