Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVA33 Datasheet (PDF) - International Rectifier

PVA33 Datasheet PDF - International Rectifier
Part # PVA33
Download  PVA33 Download
File Size   303.09 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 130mA, 0-300V AC/DC

PVA33 Datasheet (PDF)

Go To PDF Page Download Datasheet
PVA33 Datasheet PDF - International Rectifier

Part # PVA33
Download  PVA33 Click to download

File Size   303.09 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 130mA, 0-300V AC/DC

PVA33 Datasheet (HTML) - International Rectifier


PVA33 Product details

General Description
The Photovoltaic AC Relay (PVA) is a single-pole, normally open solid state replacement for electromechanical relays used for general purpose switching of analog signals. It utilizes as an output switch a unique bidirectional (AC or DC) MOSFET power IC termed a BOSFET. The BOSFET is controlled by a photovoltaic generator of novel construction, which is energized by radiation from a dielectrically isolated light emitting diode (LED).

Features
◾ BOSFET Power IC
◾ 1010Operations
◾ 100µsec Operating Time
◾ 0.2µVolt Thermal Offset
◾ 3 milliwatts Pick-Up Power
◾ 1000V/µsec dv/dt
◾ Bounce-Free
◾ 8-pin DIP Package
◾ -40°C to 85°C
◾ UL recognized




Similar Part No. - PVA33

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA3324N IRF-PVA3324N Datasheet
78Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA3324NPBF IRF-PVA3324NPBF Datasheet
1Mb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA3324NS IRF-PVA3324NS Datasheet
78Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA3324NSPBF IRF-PVA3324NSPBF Datasheet
1Mb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA3354N IRF-PVA3354N Datasheet
78Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
More results


Similar Description - PVA33

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA30 IRF-PVA30 Datasheet
294Kb / 6P
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 40mA, 0-300V AC/DC
PVD13 IRF-PVD13 Datasheet
311Kb / 6P
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 500mA, 0-100V DC
PVD33 IRF-PVD33 Datasheet
303Kb / 6P
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 220mA, 0-300V DC
PVA33N IRF-PVA33N Datasheet
78Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVD1352 IRF-PVD1352 Datasheet
86Kb / 6P
Microelectronic Power IC PHOTOVOLTAIC RELAY SINGLE POLE 500MA 0-100V DC
PVA30N IRF-PVA30N Datasheet
68Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVD10 IRF-PVD10 Datasheet
79Kb / 6P
Microelectronic Power IC BOSFET Photovoltaic Relay Single-Pole, 160mA, 0-100V DC
PVA13 IRF-PVA13 Datasheet
91Kb / 6P
Microelectronic Power IC Relay Single-Pole, 300mA, 0-100V AC/DC
PVA3354NPBF IRF-PVA3354NPBF Datasheet
1Mb / 6P
Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA3055NSPBF IRF-PVA3055NSPBF Datasheet
1,001Kb / 6P
Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com