Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1723GF Datasheet (PDF) - NEC

D1723GF Datasheet PDF - NEC
Part # D1723GF
Download  D1723GF Download
File Size   1590.18 Kbytes
Page   80 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LF TUNER CAR AUDIO

D1723GF Datasheet (PDF)

Go To PDF Page Download Datasheet
D1723GF Datasheet PDF - NEC

Part # D1723GF
Download  D1723GF Click to download

File Size   1590.18 Kbytes
Page   80 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LF TUNER CAR AUDIO

D1723GF Datasheet (HTML) - NEC


D1723GF Product details

The µPD1723GF-013 and µPD1723GF-213 are CMOS LSI developed for worldwide PLL frequency synthesizer FM/MW/LW tuner use.
Their package is a 64-pin QFP. On-chip PLL frequency synthesizer, controller, 200 MHz prescaler, LCD driver, and IF counter allow the construction of a compact FM/MW/LW tuner with a high-performance clock for high end car stereo and home stereo sets.

FEATURES
• Worldwide FM/MW banks and European LW band can be received.
• Abundant tuning functions, including manual tuning, autotuning (seek, scan), and preset memory scan
• Six buttons, independent preset memories for 18 FM stations (FM1, FM2, FM3; 6 stations each), 12 MW stations (MW1, MW2; 6 stations each), 6 LW stations, and VF band
• FM: 3, MW: 2, LW: 1, VF: 1 last channel memories
• VF broadcast station (traffic information) autotuning (SK signal search) and DK standby function
• MONO (MONORAL) and LOC (LOCAL/DX) control output and display
• “ST” (STEREO) display
• MTL (METAL), NR1 (NOISE REDUCTION), NR2, and AMS (AUTO MUSIC SEARCH) control output and display
• Auto preset memory function
• “ ” (Compact Disk) display
• LOUD (LOUDNESS) control output and display
• 12 hour and 24 hour clock display function (no clock display also possible)
• Single 5 V ±10 % power supply
• On-chip prescaler (200 MHz max. Vin = 0.3 VP-P), IF counter, LCD driver (1/2 duty, 1/2 bias drive, frame frequency(100 Hz))




Similar Part No. - D1723GF

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
D1723BT PANDUIT-D1723BT Datasheet
93Kb / 1P
ADJUSTABLE SLIDE DRAWER
D1723MG PANDUIT-D1723MG Datasheet
93Kb / 1P
ADJUSTABLE SLIDE DRAWER
D1723WH PANDUIT-D1723WH Datasheet
93Kb / 1P
ADJUSTABLE SLIDE DRAWER
More results


Similar Description - D1723GF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17012GF-058 NEC-UPD17012GF-058 Datasheet
836Kb / 92P
PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER AUTOMOBILE APPLICATION
logo
Sanyo Semicon Device
LC72134M SANYO-LC72134M Datasheet
463Kb / 27P
Dual PLL Frequency Synthesizer for FM Tuner Systems
logo
Daewoo Semiconductor
DMC4001 DAEWOO-DMC4001 Datasheet
3Mb / 74P
PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
DMC4002 DAEWOO-DMC4002 Datasheet
6Mb / 74P
PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
logo
NEC
UPD1708AG-011 NEC-UPD1708AG-011 Datasheet
746Kb / 28P
PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
UPD1703C-014 NEC-UPD1703C-014 Datasheet
1Mb / 31P
PLL FREQUENCY SYMTHESIZER AND CONTROLLER FOR FM AND AM TUNER
UPD1703C-015 NEC-UPD1703C-015 Datasheet
1Mb / 29P
PLL FREQUENCY SYMTHESIZER AND CONTROLLER FOR FM/MW/AM TUNER
UPD1703C-018 NEC-UPD1703C-018 Datasheet
1Mb / 23P
PLL FREQUENCY SYMTHESIZER AND CONTROLLER FOR LM,MW AND FM TUNER
logo
Panasonic Semiconductor
AN18164B PANASONIC-AN18164B Datasheet
273Kb / 8P
Car Radio FM/AM tuner IC built-in PLL synthesizer
logo
Renesas Technology Corp
PD17012GF-058 RENESAS-PD17012GF-058_15 Datasheet
1Mb / 94P
PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER (AUTOMOBILE APPLICATION)
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com