Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN938 Datasheet (PDF) - STMicroelectronics

AN938 Datasheet PDF - STMicroelectronics
Part # AN938
Download  AN938 Download
File Size   1747.16 Kbytes
Page   33 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description The L4973 family is a 3.5 A monolithic DC-DC converter

AN938 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN938 Datasheet PDF - STMicroelectronics

Part # AN938
Download  AN938 Click to download

File Size   1747.16 Kbytes
Page   33 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description The L4973 family is a 3.5 A monolithic DC-DC converter

AN938 Datasheet (HTML) - STMicroelectronics




Similar Part No. - AN938

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN934 STMICROELECTRONICS-AN934 Datasheet
129Kb / 14P
How to use the digital calibration feature
07-Oct-2011
AN937 STMICROELECTRONICS-AN937 Datasheet
1,014Kb / 29P
The L4971 is a 1.5 A monolithic dc-dc converter
03-May-2011
logo
Microchip Technology
AN939 MICROCHIP-AN939 Datasheet
432Kb / 18P
Designing Energy Meters with the PIC16F873A
2005
logo
List of Unclassifed Man...
AN93B06K ETC2-AN93B06K Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Panasonic Semiconductor
AN93B06SCR PANASONIC-AN93B06SCR Datasheet
201Kb / 3P
BROAD BAND VIDEO AMPLIFIER IC FOR CRT MONITOR
More results


Similar Description - AN938

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPDC12L00010 STMICROELECTRONICS-SPDC12L00010 Datasheet
688Kb / 24P
10 A DC/DC converter module
17-Oct-2008
logo
JMK Inc.
GG-1508-20 JMK-GG-1508-20 Datasheet
112Kb / 2P
The GG-1508-20 power converter is a nominal 36 volt to 13.8 volt dc-dc converter.
logo
STMicroelectronics
STEVAL-ISA090V1 STMICROELECTRONICS-STEVAL-ISA090V1 Datasheet
175Kb / 4P
3.5 A step-down switching regulator based on the L4973
01-Apr-2011
logo
Enpirion, Inc.
EV1320QI ENPIRION-EV1320QI Datasheet
1Mb / 20P
The EV1320QI is a DC to DC converter specifically designed for memory termination applications.
logo
Texas Instruments
AN-1876 TI-AN-1876 Datasheet
319Kb / 5P
The LM2841 is a PWM DC/DC buck (step-down) regulator.
AN-1908 TI-AN-1908 Datasheet
359Kb / 5P
The LM2842 is a PWM DC/DC buck (step-down) regulator.
logo
STMicroelectronics
AN3392 STMICROELECTRONICS-AN3392 Datasheet
5Mb / 57P
The SPV1020 is a monolithic DC-DC boost converter designed
09-May-2012
AN937 STMICROELECTRONICS-AN937 Datasheet
1,014Kb / 29P
The L4971 is a 1.5 A monolithic dc-dc converter
03-May-2011
AN3319 STMICROELECTRONICS-AN3319 Datasheet
1Mb / 25P
The SPV1040 is a high efficiency, low power and low voltage DC-DC converter
21-Mar-2013
logo
Linear Technology
LT3504 LINER-LT3504 Datasheet
564Kb / 6P
The demo circuit 1207A is a quad current mode PWM stepdown DC/DC converter featuring the LT짰3504
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com