Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFZ44 Datasheet (PDF) - Thinki Semiconductor Co., Ltd.

IRFZ44 Datasheet PDF - Thinki Semiconductor Co., Ltd.
Part # IRFZ44
Download  IRFZ44 Download
File Size   442.92 Kbytes
Page   2 Pages
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.
Description 45 Ampere Typical N-Channel Trench Power MOSFETs

IRFZ44 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFZ44 Datasheet PDF - Thinki Semiconductor Co., Ltd.

Part # IRFZ44
Download  IRFZ44 Click to download

File Size   442.92 Kbytes
Page   2 Pages
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.
Description 45 Ampere Typical N-Channel Trench Power MOSFETs

IRFZ44 Datasheet (HTML) - Thinki Semiconductor Co., Ltd.




Similar Part No. - IRFZ44

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRFZ44 PHILIPS-IRFZ44 Datasheet
64Kb / 8P
N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
logo
International Rectifier
IRFZ44 IRF-IRFZ44 Datasheet
100Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=17.5mohm, Id=49A)
logo
Samsung semiconductor
IRFZ44 SAMSUNG-IRFZ44 Datasheet
197Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Vishay Siliconix
IRFZ44 VISHAY-IRFZ44 Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
IRFZ44 VISHAY-IRFZ44 Datasheet
1Mb / 9P
Power MOSFET
21-Mar-11
More results


Similar Description - IRFZ44

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Thinki Semiconductor Co...
IRFZ44 THINKISEMI-IRFZ44 Datasheet
600Kb / 2P
45 Ampere Typical N-Channel Trench Power MOSFETs
TSP01H12 THINKISEMI-TSP01H12 Datasheet
1Mb / 5P
100V,118A N-Channel Trench Process Power MOSFETs
TSP8592 THINKISEMI-TSP8592 Datasheet
1Mb / 5P
85V,92A N-Channel Trench Process Power MOSFETs
TSP01H17 THINKISEMI-TSP01H17 Datasheet
2Mb / 6P
100V,168A N-Channel Trench Process Power MOSFETs
EZ8590 THINKISEMI-EZ8590 Datasheet
1Mb / 5P
85V,92A N-Channel Trench Process Power MOSFETs
CS64N12 THINKISEMI-CS64N12 Datasheet
1Mb / 6P
85V,120A N-Channel Trench Process Power MOSFETs
TSP85H12 THINKISEMI-TSP85H12 Datasheet
2Mb / 6P
85V,120A N-Channel Trench Process Power MOSFETs
TSP01H12 THINKISEMI-TSP01H12_V01 Datasheet
1Mb / 6P
100V,118A N-Channel Trench Process Power MOSFETs
IRFB3607PBF THINKISEMI-IRFB3607PBF Datasheet
1Mb / 7P
ThinkiSemi 85V,92A N-Channel Trench Process Power MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com