Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGP2102 Datasheet (PDF) - TriQuint Semiconductor

TGP2102 Datasheet PDF - TriQuint Semiconductor
Part # TGP2102
Download  TGP2102 Download
File Size   377.11 Kbytes
Page   9 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 35 GHz 5-Bit Phase Shifter

TGP2102 Datasheet (PDF)

Go To PDF Page Download Datasheet
TGP2102 Datasheet PDF - TriQuint Semiconductor

Part # TGP2102
Download  TGP2102 Click to download

File Size   377.11 Kbytes
Page   9 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 35 GHz 5-Bit Phase Shifter

TGP2102 Datasheet (HTML) - TriQuint Semiconductor




Similar Part No. - TGP2102

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGP2102 QORVO-TGP2102 Datasheet
362Kb / 9P
35 GHz 5-Bit Digital Phase Shifter
logo
TriQuint Semiconductor
TGP2102-EPU TRIQUINT-TGP2102-EPU Datasheet
238Kb / 9P
35 GHz 5-Bit Phase Shifter
More results


Similar Description - TGP2102

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC1439A TRIQUINT-TGC1439A Datasheet
927Kb / 5P
18 - 20 GHz 5-Bit Phase Shifter
TGP1439-EPU TRIQUINT-TGP1439-EPU Datasheet
937Kb / 5P
18 - 20 GHz 5-Bit Phase Shifter
TGP2100-EPU TRIQUINT-TGP2100-EPU Datasheet
221Kb / 9P
30 GHz 5-Bit Phase Shifter
TGP2102-EPU TRIQUINT-TGP2102-EPU Datasheet
238Kb / 9P
35 GHz 5-Bit Phase Shifter
logo
Tyco Electronics
MAPCGM0004-DIE MACOM-MAPCGM0004-DIE Datasheet
462Kb / 7P
5-Bit Digital Phase Shifter 6.0-18.0 GHz
logo
M/A-COM Technology Solu...
MAPS-011008 MA-COM-MAPS-011008 Datasheet
641Kb / 7P
Digital Phase Shifter 6-Bit, 5 - 6 GHz
logo
TriQuint Semiconductor
TGP1439 TRIQUINT-TGP1439_15 Datasheet
2Mb / 5P
18 - 20 GHz 5-Bit Phase Shifter
TGP2100 TRIQUINT-TGP2100_15 Datasheet
368Kb / 9P
30 GHz 5-Bit Phase Shifter
logo
Custom MMIC Design Serv...
CMD175P4 MMIC-CMD175P4 Datasheet
257Kb / 11P
2-4 GHz 5-Bit Digital Phase Shifter
logo
Qorvo, Inc
TGP2102 QORVO-TGP2102 Datasheet
362Kb / 9P
35 GHz 5-Bit Digital Phase Shifter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com