Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5401S Datasheet (PDF) - KEC(Korea Electronics)

2N5401S Datasheet PDF - KEC(Korea Electronics)
Part # 2N5401S
Download  2N5401S Download
File Size   147.26 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, HIGH VOLTAGE)

2N5401S Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5401S Datasheet PDF - KEC(Korea Electronics)

Part # 2N5401S
Download  2N5401S Click to download

File Size   147.26 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, HIGH VOLTAGE)

2N5401S Datasheet (HTML) - KEC(Korea Electronics)


2N5401S Product details

GENERAL PURPOSE APPLICATION.
HIGH VOLTAGE APPLICATION.

FEATURES
• High Collector Breakdwon Voltage : VCBO=-160V, VCEO=-150V
• Low Leakage Current. : ICBO=-50nA(Max.) @VCB=-120V
• Low Saturation Voltage : VCE(sat)=-0.5V(Max.) @IC=-50mA, IB=-5mA
• Low Noise : NF=8dB (Max.)




Similar Part No. - 2N5401S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N5401S KEC-2N5401S Datasheet
39Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
logo
First Silicon Co., Ltd
2N5401S FS-2N5401S Datasheet
231Kb / 5P
High Voltage Transistor
logo
TECH PUBLIC Electronics...
2N5401S TECHPUBLIC-2N5401S Datasheet
1Mb / 4P
PNP Switching Transistor
logo
Dongguan Pingjingsemi T...
2N5401SQ PJSEMI-2N5401SQ Datasheet
680Kb / 3P
PNP Transistor
logo
KEC(Korea Electronics)
2N5401S KEC-2N5401S_15 Datasheet
350Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
More results


Similar Description - 2N5401S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N5400S KEC-2N5400S Datasheet
147Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, HIGH VOLTAGE)
2N5401 KEC-2N5401 Datasheet
145Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, HIGH VOLTAGE)
2N5401C KEC-2N5401C Datasheet
160Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, HIGH VOLTAGE)
logo
Cystech Electonics Corp...
BTA733A3 CYSTEKEC-BTA733A3 Datasheet
177Kb / 5P
General Purpose PNP Epitaxial Planar Transistor
BTA1579S3 CYSTEKEC-BTA1579S3 Datasheet
165Kb / 4P
General Purpose PNP Epitaxial Planar Transistor
BTP2907AN3 CYSTEKEC-BTP2907AN3 Datasheet
168Kb / 4P
General Purpose PNP Epitaxial Planar Transistor
BTP3906N3 CYSTEKEC-BTP3906N3 Datasheet
181Kb / 4P
General Purpose PNP Epitaxial Planar Transistor
BTA9012A3 CYSTEKEC-BTA9012A3 Datasheet
326Kb / 8P
General Purpose PNP Epitaxial Planar Transistor
BTB1198M3 CYSTEKEC-BTB1198M3 Datasheet
297Kb / 6P
General Purpose PNP Epitaxial Planar Transistor
BTP1207A3 CYSTEKEC-BTP1207A3 Datasheet
301Kb / 6P
General Purpose PNP Epitaxial Planar Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com