Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5A100VI Datasheet (PDF) - KEC(Korea Electronics)

B5A100VI Datasheet PDF - KEC(Korea Electronics)
Part # B5A100VI
Download  B5A100VI Download
File Size   34.7 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER)

B5A100VI Datasheet (PDF)

Go To PDF Page Download Datasheet
B5A100VI Datasheet PDF - KEC(Korea Electronics)

Part # B5A100VI
Download  B5A100VI Click to download

File Size   34.7 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER)

B5A100VI Datasheet (HTML) - KEC(Korea Electronics)


B5A100VI Product details

SWITCHING TYPE POWER SUPPLY APPLICATION.
CONVERTER & CHOPPER APPLICATION.

FEATURES
• Average Output Rectified Current
   : IO=5A (Tc=115 ).
• Repetitive Peak Reverse Voltage
   : VRRM=100V.
• Fast Reverse Recovery Time : trr=35ns.
• Low Peak Forward Voltage : 0.73V(Typ.)




Similar Part No. - B5A100VI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
B5A100VI KEC-B5A100VI Datasheet
44Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
B5A100VI KEC-B5A100VI_07 Datasheet
44Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results


Similar Description - B5A100VI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
B10A45V KEC-B10A45V Datasheet
301Kb / 3P
SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER)
B10A45VI KEC-B10A45VI Datasheet
293Kb / 3P
SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER)
B10A45VIC KEC-B10A45VIC Datasheet
301Kb / 2P
SCHOTTKY BARRIER TYPE DIODE STACK (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER)
B10A90VIC KEC-B10A90VIC Datasheet
74Kb / 2P
SCHOTTKY BARRIER TYPE DIODE STACK (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER)
B15A45V KEC-B15A45V Datasheet
245Kb / 2P
SCHOTTKY BARRIER TYPE DIODE STACK (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER)
B15A45VIC KEC-B15A45VIC Datasheet
74Kb / 2P
SCHOTTKY BARRIER TYPE DIODE STACK (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER)
B30A45VIC KEC-B30A45VIC Datasheet
72Kb / 2P
SCHOTTKY BARRIER TYPE DIODE STACK (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER)
B5A45VI KEC-B5A45VI Datasheet
301Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER)
B5A60VI KEC-B5A60VI Datasheet
71Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER)
B5A90VI KEC-B5A90VI Datasheet
72Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com