Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC-308 Datasheet (PDF) - KEC(Korea Electronics)

BC-308 Datasheet PDF - KEC(Korea Electronics)
Part # BC-308
Download  BC-308 Download
File Size   144.25 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, LOW NOISE AMPLIFIER)

BC-308 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC-308 Datasheet PDF - KEC(Korea Electronics)

Part # BC-308
Download  BC-308 Click to download

File Size   144.25 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, LOW NOISE AMPLIFIER)

BC-308 Datasheet (HTML) - KEC(Korea Electronics)


BC-308 Product details

GENERAL PURPOSE APPLICATION.
LOW NOISE AMPLIFIER APPLICATION.

FEATURES
• High Voltage : BC307 VCEO=-45V.
• Low Noise : BC309 NF=0.2dB(Typ.), 3dB(Max.)
                       (VCE=-6V, IC=-0.1mA, f=1kHz).
• For Complementary With NPN type BC237/238/239.




Similar Part No. - BC-308

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC-308 FAIRCHILD-BC-308 Datasheet
69Kb / 5P
PNP EPITAXIAL SILICON TRANSISTOR
logo
ON Semiconductor
BC-308 ONSEMI-BC-308 Datasheet
84Kb / 4P
Amplifier Transistors(PNP Silicon)
1997 REV 1
logo
Motorola, Inc
BC-308 MOTOROLA-BC-308 Datasheet
110Kb / 4P
Amplifier Transistors(PNP)
logo
Continental Device Indi...
BC-308 CDIL-BC-308 Datasheet
151Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Similar Description - BC-308

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
BC237 KEC-BC237 Datasheet
140Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, LOW NOISE AMPLIFIER)
KTA1266L KEC-KTA1266L Datasheet
128Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER)
KTA1267L KEC-KTA1267L Datasheet
308Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER)
KTA1517 KEC-KTA1517 Datasheet
529Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER)
KTA2017 KEC-KTA2017 Datasheet
231Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER)
logo
Cystech Electonics Corp...
BTA733A3 CYSTEKEC-BTA733A3 Datasheet
177Kb / 5P
General Purpose PNP Epitaxial Planar Transistor
BTA1579S3 CYSTEKEC-BTA1579S3 Datasheet
165Kb / 4P
General Purpose PNP Epitaxial Planar Transistor
BTA9012A3 CYSTEKEC-BTA9012A3 Datasheet
326Kb / 8P
General Purpose PNP Epitaxial Planar Transistor
BTB1198M3 CYSTEKEC-BTB1198M3 Datasheet
297Kb / 6P
General Purpose PNP Epitaxial Planar Transistor
BTP1207A3 CYSTEKEC-BTP1207A3 Datasheet
301Kb / 6P
General Purpose PNP Epitaxial Planar Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com