Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC338 Datasheet (PDF) - KEC(Korea Electronics)

BC338 Datasheet PDF - KEC(Korea Electronics)
Part # BC338
Download  BC338 Download
File Size   275.22 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)

BC338 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC338 Datasheet PDF - KEC(Korea Electronics)

Part # BC338
Download  BC338 Click to download

File Size   275.22 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)

BC338 Datasheet (HTML) - KEC(Korea Electronics)


BC338 Product details

GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.

FEATURES
• High Current : IC=800mA.
• DC Current Gain : hFE=100~630 (VCE=1V, Ic=100mA).
• For Complementary with PNP type BC328.




Similar Part No. - BC338

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC338 MOTOROLA-BC338 Datasheet
163Kb / 4P
Amplifier Transistor
logo
Semtech Corporation
BC338 SEMTECH-BC338 Datasheet
343Kb / 5P
NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications???
logo
Siemens Semiconductor G...
BC338 SIEMENS-BC338 Datasheet
150Kb / 6P
NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC338 FAIRCHILD-BC338 Datasheet
27Kb / 3P
SWITCHING AND AMPLIFIER APPLICATIONS
logo
General Semiconductor
BC338 GE-BC338 Datasheet
224Kb / 5P
Small Signal Transistors (NPN)
More results


Similar Description - BC338

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N2904E KEC-2N2904E Datasheet
51Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3904 KEC-2N3904 Datasheet
192Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3904C KEC-2N3904C Datasheet
205Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC849 KEC-BC849 Datasheet
146Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BSS64 KEC-BSS64 Datasheet
60Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN2222S KEC-KN2222S Datasheet
268Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN4400S KEC-KN4400S Datasheet
195Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTC3114 KEC-KTC3114 Datasheet
395Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTC812E KEC-KTC812E Datasheet
78Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTN2222 KEC-KTN2222 Datasheet
471Kb / 5P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com