Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N4821M24LC12 Datasheet (PDF) - Tripp Lite. All Rights Reserved

N4821M24LC12 Datasheet PDF - Tripp Lite. All Rights Reserved
Part # N4821M24LC12
Download  N4821M24LC12 Download
File Size   524.16 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description 100Gb-120Gb to 10Gb Breakout Cassette - 24-Fiber MTP-MPO to (x12) LC

N4821M24LC12 Datasheet (PDF)

Go To PDF Page Download Datasheet
N4821M24LC12 Datasheet PDF - Tripp Lite. All Rights Reserved

Part # N4821M24LC12
Download  N4821M24LC12 Click to download

File Size   524.16 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description 100Gb-120Gb to 10Gb Breakout Cassette - 24-Fiber MTP-MPO to (x12) LC

N4821M24LC12 Datasheet (HTML) - Tripp Lite. All Rights Reserved




Similar Part No. - N4821M24LC12

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N482-00U TRIPPLITE-N482-00U Datasheet
169Kb / 2P
High-Density Fiber Cassette Sleeve, 0U, 1-Cassette Capacity
N482-01U TRIPPLITE-N482-01U Datasheet
159Kb / 2P
High Density Fiber Enclosure Panel, 1U, 5-Cassette Capacity
N482-02U TRIPPLITE-N482-02U Datasheet
161Kb / 2P
High Density Fiber Enclosure Panel, 2U, 14-Cassette Capacity
N482-04U TRIPPLITE-N482-04U Datasheet
166Kb / 2P
Enclosure for 28 High-Density Fiber Cassettes, 4U
N482-12M12-X2 TRIPPLITE-N482-12M12-X2 Datasheet
168Kb / 2P
40 GB Pass-Through Cassette, (x12) 12-Fiber MTP/MPO ( Female )
More results


Similar Description - N4821M24LC12

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N4822M12LC12 TRIPPLITE-N4822M12LC12 Datasheet
530Kb / 2P
40Gb to 10Gb Breakout Cassette - (x2) 12-Fiber MTP-MPO to (x12) LC
N4822M246M12 TRIPPLITE-N4822M246M12 Datasheet
520Kb / 2P
100Gb-120Gb to 40Gb Breakout Cassette - (x2) 24-Fiber MTP-MPO to (x6) 12-Fiber MTP-MPO
N4826M246M24 TRIPPLITE-N4826M246M24 Datasheet
517Kb / 2P
100Gb-120Gb Pass-Through Cassette - (x6) 24-Fiber MTP-MPO
N482-1M24-LC12 TRIPPLITE-N482-1M24-LC12 Datasheet
169Kb / 3P
100Gb/120Gb to 10Gb Breakout Cassette - 24-Fiber OM4 MTP/MPO ( Male with Pins ) to (x12) LC
N482-2M12-LC12 TRIPPLITE-N482-2M12-LC12 Datasheet
171Kb / 3P
40Gb to 10Gb Breakout Cassette - (x2) 12-Fiber OM4 MTP/MPO ( Male with Pins ) to (x12) LC
N482-6M24-6M24 TRIPPLITE-N482-6M24-6M24 Datasheet
164Kb / 2P
100Gb/120Gb Pass-Through Cassette - (x6) 24-Fiber MTP/MPO ( Female )
N484-1M24-LC12 TRIPPLITE-N484-1M24-LC12 Datasheet
171Kb / 3P
100Gb/120Gb to10Gb Breakout Cassette, 24-Fiber OM4 MTP/MPO ( Male with Pins ) to ( x12 ) LC Duplex
N484-2M24-6M12 TRIPPLITE-N484-2M24-6M12 Datasheet
170Kb / 3P
100Gb/120Gb to 40Gb Breakout Cassette, (x2) 24-Fiber MTP/MPO ( Male with Pins ) to (x6) 12-Fiber MTP/MPO Male with Pins )
N484-3M8-LC12 TRIPPLITE-N484-3M8-LC12 Datasheet
175Kb / 3P
40/100Gb Breakout Cassette, 40Gb to 4 x 10Gb, 100Gb to 4 x 25Gb, (x3) 8-Fiber MTP/MPO to (x12) LC Duplex, Type-B Polarity
N484-12M24 TRIPPLITE-N484-12M24 Datasheet
167Kb / 2P
100Gb/120Gb Pass-Through Cassette - (x12) 24-Fiber MTP/MPO ( Female )
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com