Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0432 Datasheet (PDF) - STMicroelectronics

UM0432 Datasheet PDF - STMicroelectronics
Part # UM0432
Download  UM0432 Download
File Size   911.52 Kbytes
Page   53 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low voltage motor control demonstration board

UM0432 Datasheet (PDF)

Go To PDF Page Download Datasheet
UM0432 Datasheet PDF - STMicroelectronics

Part # UM0432
Download  UM0432 Click to download

File Size   911.52 Kbytes
Page   53 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low voltage motor control demonstration board

UM0432 Datasheet (HTML) - STMicroelectronics


UM0432 Product details

Features
■ Voltage range from 5 to 48 V
■ Maximum current up to 25 A
■ Power MOSFET STS8DNH3LL (dual n-channel) 8 A/30 V included
■ Compatible with power MOSFET in SO-8 and DPAK packages
■ 10 V auxiliary power supply connector
■ Serial communication interface connector
■ Programming and debug support via a 10-pin ICC connector
■ On-board 2 K-bit (256 bytes) serial memory
■ Four potentiometers for runtime settings
■ Start/stop button
■ Reset button
■ Debug pins available




Similar Part No. - UM0432

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0434 STMICROELECTRONICS-UM0434 Datasheet
3Mb / 390P
The primary objective of this user?셲 manual is to describe
29-Nov-2013
UM0438 STMICROELECTRONICS-UM0438 Datasheet
427Kb / 50P
This user manual defines a programming model for use with the variable-length encoding
01-Jul-2007
More results


Similar Description - UM0432

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP11203DB VISHAY-SIP11203DB Datasheet
436Kb / 12P
Demonstration Board
12-Jun-06
logo
Winbond
ISD-ES502 WINBOND-ISD-ES502 Datasheet
242Kb / 7P
Demonstration Board
logo
Texas Instruments
MDL-STEPPER TI-MDL-STEPPER Datasheet
203Kb / 4P
Stepper Motor Control Board
logo
STMicroelectronics
STEVAL-IHM025V1 STMICROELECTRONICS-STEVAL-IHM025V1 Datasheet
246Kb / 8P
1 kW 3-phase motor control demonstration board featuring the IGBT SLLIMM??STGIPL14K60
26-Apr-2011
UM0723 STMICROELECTRONICS-UM0723 Datasheet
826Kb / 48P
1 kW three-phase motor control demonstration board
28-Jun-2011
UM0971 STMICROELECTRONICS-UM0971 Datasheet
1Mb / 45P
STEVAL-IHM031V1 low voltage three-phase inverter demonstration board
27-Oct-2010
UM0900 STMICROELECTRONICS-UM0900 Datasheet
1Mb / 43P
1 kW 3-phase motor control demonstration board featuring
25-May-2010
UM0969 STMICROELECTRONICS-UM0969 Datasheet
3Mb / 46P
3-phase motor control demonstration board featuring IGBT intelligent power module STGIPS10K60A
21-Feb-2012
UM1483 STMICROELECTRONICS-UM1483 Datasheet
597Kb / 35P
Low power motor control board STEVAL-IHM036V1
30-Nov-2011
STEVAL-PCC009V4 STMICROELECTRONICS-STEVAL-PCC009V4 Datasheet
420Kb / 8P
Opto-isolated universal USB to serial bridge demonstration board for motor control applications
16-Jul-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com