Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1B2CCI Datasheet (PDF) - KEC(Korea Electronics)

F1B2CCI Datasheet PDF - KEC(Korea Electronics)
Part # F1B2CCI
Download  F1B2CCI Download
File Size   246.08 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description STACK SILICON DIFFUSED DIODE (HIGH SPEED RECTIFIER)

F1B2CCI Datasheet (PDF)

Go To PDF Page Download Datasheet
F1B2CCI Datasheet PDF - KEC(Korea Electronics)

Part # F1B2CCI
Download  F1B2CCI Click to download

File Size   246.08 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description STACK SILICON DIFFUSED DIODE (HIGH SPEED RECTIFIER)

F1B2CCI Datasheet (HTML) - KEC(Korea Electronics)


F1B2CCI Product details

HIGH SPEED RECTIFIER APPLICATION.

FEATURES
• Average Output Rectified Current : IO=10A(Tc=101°C).
• Repetitive Peak Reverse Voltage : VRRM=200V.
• Rectifier Stack of Single Phase Center Tap Type.




Similar Part No. - F1B2CCI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
F1B2CCI KEC-F1B2CCI Datasheet
30Kb / 1P
TO-220IS PACKAGE
F1B2CCI KEC-F1B2CCI Datasheet
450Kb / 2P
STACK SILICON DIFFUSED DIODE
logo
Thinki Semiconductor Co...
F1B2CCI THINKISEMI-F1B2CCI Datasheet
627Kb / 2P
10.0 Ampere Insulated Dual Common Cathode Fast Recovery Rectifiers
logo
KEC(Korea Electronics)
F1B2CCI KEC-F1B2CCI_00 Datasheet
30Kb / 1P
TO-220IS PACKAGE
F1B2CCI KEC-F1B2CCI_07 Datasheet
450Kb / 2P
STACK SILICON DIFFUSED DIODE
More results


Similar Description - F1B2CCI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
F1B2CC KEC-F1B2CC Datasheet
239Kb / 2P
STACK SILICON DIFFUSED DIODE (HIGH SPEED RECTIFIER)
F1B2CAI KEC-F1B2CAI_15 Datasheet
450Kb / 2P
STACK SILICON DIFFUSED DIODE
E25A2CS KEC-E25A2CS_15 Datasheet
448Kb / 2P
STACK SILICON DIFFUSED DIODE
E30A2CDS KEC-E30A2CDS_15 Datasheet
32Kb / 1P
STACK SILICON DIFFUSED DIODE
E35A2CPS KEC-E35A2CPS Datasheet
65Kb / 1P
STACK SILICON DIFFUSED DIODE
E35A2CR KEC-E35A2CR_15 Datasheet
93Kb / 2P
STACK SILICON DIFFUSED DIODE
E35A27VBS KEC-E35A27VBS_15 Datasheet
199Kb / 1P
STACK SILICON DIFFUSED DIODE
E65A21VBS KEC-E65A21VBS Datasheet
352Kb / 1P
STACK SILICON DIFFUSED DIODE
E35A37VR KEC-E35A37VR Datasheet
82Kb / 1P
STACK SILICON DIFFUSED DIODE
E35A37VS KEC-E35A37VS Datasheet
82Kb / 1P
STACK SILICON DIFFUSED DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com