Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDR357 Datasheet (PDF) - KEC(Korea Electronics)

KDR357 Datasheet PDF - KEC(Korea Electronics)
Part # KDR357
Download  KDR357 Download
File Size   386.9 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)

KDR357 Datasheet (PDF)

Go To PDF Page Download Datasheet
KDR357 Datasheet PDF - KEC(Korea Electronics)

Part # KDR357
Download  KDR357 Click to download

File Size   386.9 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)

KDR357 Datasheet (HTML) - KEC(Korea Electronics)


KDR357 Product details

LOW VOLTAGE HIGH SPEED SWITCHING.

FEATURES
• Low Forward Voltage : VF(3)=0.43V(Typ.)
• Low Reverse Current : IR=5μA(Max.)
• Small Package : USC.
• Suffix U : Qualified to AEC-Q101.
                  ex) KDR357-RTK/HU
• Suffix A : USC(1) Package
                  ex) KDR357-RTK/PA




Similar Part No. - KDR357

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR357 KEC-KDR357 Datasheet
21Kb / 1P
USC PACKAGE
KDR357 KEC-KDR357 Datasheet
51Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR357 KEC-KDR357_08 Datasheet
21Kb / 1P
USC PACKAGE
KDR357 KEC-KDR357_09 Datasheet
51Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR357 KEC-KDR357_15 Datasheet
353Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results


Similar Description - KDR357

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR367 KEC-KDR367 Datasheet
394Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR367E KEC-KDR367E Datasheet
392Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR368 KEC-KDR368 Datasheet
393Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR377 KEC-KDR377 Datasheet
387Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR377E KEC-KDR377E Datasheet
384Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR393 KEC-KDR393 Datasheet
380Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR393S KEC-KDR393S Datasheet
380Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR728 KEC-KDR728 Datasheet
389Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR729 KEC-KDR729 Datasheet
388Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR784 KEC-KDR784 Datasheet
381Kb / 1P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com