Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P236 Datasheet (PDF) - NEC

UPD17P236 Datasheet PDF - NEC
Part # UPD17P236
Download  UPD17P236 Download
File Size   252.75 Kbytes
Page   32 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER

UPD17P236 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD17P236 Datasheet PDF - NEC

Part # UPD17P236
Download  UPD17P236 Click to download

File Size   252.75 Kbytes
Page   32 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER

UPD17P236 Datasheet (HTML) - NEC


UPD17P236 Product details

The µPD17P236 is a model of the µPD17236 with a one-time PROM instead of an internal mask ROM. Since the user can write programs to the µPD17P236, it is ideal for experimental production or small-scale production of the µPD17230, 17231, 17232, 17233, 17234, 17235, or 17236 systems. When reading this document, also read the documents related to the µPD17230, 17231, 17232, 17233, 17234,17235, and 17236.



FEATURES

• Pin compatible with µPD17230, 17231, 17232, 17233, 17234, 17235, and 17236 (except PROM programming function)

• Carrier generator circuit for infrared remote controller (REM output)

• 17K architecture: General-purpose register method

• Program memory (one-time PROM): 32 Kbytes (16,384 × 16)

• Data memory (RAM): 223 × 4 bits

• Low-voltage detection circuit

• Input/output of P1A0 pin, clock selection for carrier generation



APPLICATIONS

Preset remote controllers, toys, and portable systems




Similar Part No. - UPD17P236

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17P236 RENESAS-UPD17P236 Datasheet
572Kb / 34P
MOS INTEGRATED CIRCUIT
2000
UPD17P236M1 RENESAS-UPD17P236M1 Datasheet
572Kb / 34P
MOS INTEGRATED CIRCUIT
2000
UPD17P236M1GT RENESAS-UPD17P236M1GT Datasheet
572Kb / 34P
MOS INTEGRATED CIRCUIT
2000
UPD17P236M1MC-5A4 RENESAS-UPD17P236M1MC-5A4 Datasheet
572Kb / 34P
MOS INTEGRATED CIRCUIT
2000
UPD17P236M2 RENESAS-UPD17P236M2 Datasheet
572Kb / 34P
MOS INTEGRATED CIRCUIT
2000
More results


Similar Description - UPD17P236

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17215 NEC-UPD17215 Datasheet
350Kb / 84P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
UPD17225 NEC-UPD17225 Datasheet
393Kb / 84P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
UPD17230 NEC-UPD17230 Datasheet
378Kb / 92P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
UPD17P218 NEC-UPD17P218 Datasheet
231Kb / 30P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROLLER
UPD17P228 NEC-UPD17P228 Datasheet
203Kb / 28P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
UPD17240 NEC-UPD17240 Datasheet
668Kb / 102P
4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
logo
Renesas Technology Corp
PD17P236 RENESAS-PD17P236_15 Datasheet
572Kb / 34P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PD17P228 RENESAS-PD17P228_15 Datasheet
505Kb / 30P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PD17225 RENESAS-PD17225_15 Datasheet
501Kb / 86P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PD17230 RENESAS-PD17230_15 Datasheet
534Kb / 94P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com