Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1227 Datasheet (PDF) - Linear Technology

LT1227 Datasheet PDF - Linear Technology
Part # LT1227_15
Download  LT1227 Download
File Size   254.21 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 140MHz Video Current Feedback Amplifier

LT1227 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1227 Datasheet PDF - Linear Technology

Part # LT1227_15
Download  LT1227 Click to download

File Size   254.21 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 140MHz Video Current Feedback Amplifier

LT1227 Datasheet (HTML) - Linear Technology




Similar Part No. - LT1227_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1227C LINER-LT1227C Datasheet
326Kb / 12P
140MHz Video Current Feedback Amplifier
LT1227CN8 LINER-LT1227CN8 Datasheet
326Kb / 12P
140MHz Video Current Feedback Amplifier
LT1227CN8 LINER-LT1227CN8 Datasheet
244Kb / 12P
140MHz Video Current Feedback Amplifier
LT1227CS8 LINER-LT1227CS8 Datasheet
326Kb / 12P
140MHz Video Current Feedback Amplifier
LT1227CS8 LINER-LT1227CS8 Datasheet
244Kb / 12P
140MHz Video Current Feedback Amplifier
More results


Similar Description - LT1227_15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5023 INTERSIL-HA5023 Datasheet
136Kb / 14P
Dual 125MHz Video Current Feedback Amplifier
September 1998
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
Quad, 125MHz Video Current Feedback Amplifier
September 1998
logo
Linear Technology
LT1227 LINER-LT1227 Datasheet
326Kb / 12P
140MHz Video Current Feedback Amplifier
logo
Intersil Corporation
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
Dual 125MHz Video Current Feedback Amplifier
January 1995
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
100MHz Current Feedback Video Amplifier With Disable
June 5, 2006
HA5023 INTERSIL-HA5023_06 Datasheet
360Kb / 16P
Dual 125MHz Video Current Feedback Amplifier
June 2, 2006
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
logo
Linear Technology
LT1227 LINER-LT1227_06 Datasheet
244Kb / 12P
140MHz Video Current Feedback Amplifier
logo
Intersil Corporation
HA5023IPZ INTERSIL-HA5023IPZ Datasheet
435Kb / 17P
Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
logo
Renesas Technology Corp
HA5025 RENESAS-HA5025 Datasheet
846Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com