Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA317 Datasheet (PDF) - KEC(Korea Electronics)

KIA317 Datasheet PDF - KEC(Korea Electronics)
Part # KIA317
Download  KIA317 Download
File Size   664.24 Kbytes
Page   5 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT (3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR)

KIA317 Datasheet (PDF)

Go To PDF Page Download Datasheet
KIA317 Datasheet PDF - KEC(Korea Electronics)

Part # KIA317
Download  KIA317 Click to download

File Size   664.24 Kbytes
Page   5 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT (3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR)

KIA317 Datasheet (HTML) - KEC(Korea Electronics)


KIA317 Product details

The KIA317P/PI is adjustable 3-terminal positive voltage regulator capable of supplying in excess of 1.5A over a 1.2V to 37V output range. This is exceptionally easy to use and require only two external resistors to set the output voltage. Further, both line and load regulation are better than standard fixed regulators.

FEATURES
• Adjustable output between 1.2V and 37V
• Guaranteed 1.5A output current
• Line regulation typically 0.001%/V
• Load regulation typically 0.1%
• 80dB ripple rejection (with Cadj)
• Internal thermal overload protection
• Internal short-circuit current limiting
• Output transistor safe-area compensation




Similar Part No. - KIA317

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA317F KEC-KIA317F Datasheet
73Kb / 6P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA317F KEC-KIA317F Datasheet
1Mb / 6P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA317F-PI KEC-KIA317F-PI Datasheet
1Mb / 6P
SEMICONDUCTOR
KIA317FP KEC-KIA317FP Datasheet
73Kb / 6P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA317PI KEC-KIA317PI Datasheet
73Kb / 6P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Similar Description - KIA317

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1900 NTE-NTE1900 Datasheet
24Kb / 2P
Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
NTE953 NTE-NTE953 Datasheet
28Kb / 4P
Linear Integrated Circuit 4-Terminal Positive Adjustable Voltage Regulator
NTE956 NTE-NTE956 Datasheet
22Kb / 2P
Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
logo
Unisonic Technologies
UTCLM317 UTC-UTCLM317 Datasheet
29Kb / 4P
3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
KEC(Korea Electronics)
KIA78L05BP KEC-KIA78L05BP Datasheet
350Kb / 16P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78L05F KEC-KIA78L05F Datasheet
346Kb / 16P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78M05F KEC-KIA78M05F Datasheet
422Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
logo
First Silicon Co., Ltd
FR317L FS-FR317L Datasheet
197Kb / 5P
3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
FR317P FS-FR317P Datasheet
280Kb / 5P
3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
FR317LSC FS-FR317LSC Datasheet
484Kb / 3P
3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com