Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA393P Datasheet (PDF) - KEC(Korea Electronics)

KIA393P Datasheet PDF - KEC(Korea Electronics)
Part # KIA393P
Download  KIA393P Download
File Size   68.21 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL COMPARATOR)

KIA393P Datasheet (PDF)

Go To PDF Page Download Datasheet
KIA393P Datasheet PDF - KEC(Korea Electronics)

Part # KIA393P
Download  KIA393P Click to download

File Size   68.21 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL COMPARATOR)

KIA393P Datasheet (HTML) - KEC(Korea Electronics)


KIA393P Product details

DUAL COMPARATOR

• Be Possible to Operate at the Wide Range Single or Two Supply Voltage.
• Low Supply Current : ICC=0.8mA(Typ.).
• Low Input Offset Voltage : VIO=2mV(Typ.).
• Wide Common Mode Input Voltage : 0VDC to VCC-1.5VDC.
• Output is Compatible with TTL, DTL, MOS and C-MOS.
• Output is Open Collector and Wired-OR Possible.
• Possible to exchange the position of Pin⑨ for Pin① because of
   Pin connection being symmetric. (KIA393S only)
• The Pin① and Pin⑨ of Lead frame was each other connected. (KIA393S Only)




Similar Part No. - KIA393P

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA393P KEC-KIA393P Datasheet
60Kb / 3P
SEMICONDUCTOR
KIA393P-F KEC-KIA393P-F Datasheet
60Kb / 3P
SEMICONDUCTOR
KIA393P/F KEC-KIA393P/F Datasheet
67Kb / 3P
SEMICONDUCTOR TECHNICAL DATA
Revision No : 0
More results


Similar Description - KIA393P

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7102AP KEC-KIA7102AP Datasheet
360Kb / 3P
BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR ADJUSTABLE VOLTAGE REFERENCE)
KIA75S393F KEC-KIA75S393F Datasheet
79Kb / 3P
BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE COMPARATOR)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
28-Sep-2004
logo
KEC(Korea Electronics)
LM393F KEC-LM393F Datasheet
47Kb / 3P
BIPOLAR LINEAR INTEGRATED CIRCUIT DUAL COMPARATOR
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com