Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA431 Datasheet (PDF) - KEC(Korea Electronics)

KIA431 Datasheet PDF - KEC(Korea Electronics)
Part # KIA431
Download  KIA431 Download
File Size   133.21 Kbytes
Page   6 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT (PROGRAMMABLE PRECISION REFERENCES)

KIA431 Datasheet (PDF)

Go To PDF Page Download Datasheet
KIA431 Datasheet PDF - KEC(Korea Electronics)

Part # KIA431
Download  KIA431 Click to download

File Size   133.21 Kbytes
Page   6 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT (PROGRAMMABLE PRECISION REFERENCES)

KIA431 Datasheet (HTML) - KEC(Korea Electronics)


KIA431 Product details

PROGRAMMABLE PRECISION REFERENCES

The KIA431 Series integrated circuits are three-terminal programmable shunt regulator diodes.
These monolithic IC voltage reference operate as a low temperature coefficient zener which is programmable from Vref to 36 volts with two external resistors. These devices exhibit a wide operating current range of 1.0 to 100mA with a typical dynamic impedance of 0.22Ω .The characteristics of these references make them excellent replacements for zener diodes in many applications such as digital voltmeters, power supplies, and op amp circuitry. The 2.5 volt reference makes it convenient to obtain a stable reference from 5.0 volt logic supplies, and since the KIA431 Series operates as a shunt regulator, it can be used as either a positive or negative voltage reference.

FEATURES
• Divice Code Name :KIA431 + Vref Code + Package Code+Pin Configuration Code
• Low Dynamic Output Impedance : 0.22Ω (Typ.).
• Sink Current Capability of 1.0 to 100mA.
• Equivalent Full-Range Temperature Coefficient of 50ppm/℃ (Typ.).
• Temperature Compensated for Operation Over Full Rated Operating Temperature Range.
• Low Output Noise Voltage.




Similar Part No. - KIA431

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA431 KEC-KIA431 Datasheet
417Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431 KEC-KIA431 Datasheet
399Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431 KEC-KIA431 Datasheet
741Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
2023.10.30
KIA431340F KEC-KIA431340F Datasheet
33Kb / 2P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431505F KEC-KIA431505F Datasheet
33Kb / 2P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Similar Description - KIA431

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
KEC(Korea Electronics)
KIA2431P KEC-KIA2431P Datasheet
675Kb / 6P
BIPOLAR LINEAR INTEGRATED CIRCUIT (PROGRAMMABLE PRECISION REFERENCES)
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
Programmable Precision References
November, 2006 ??Rev. 25
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
Programmable Precision References
logo
Unisonic Technologies
UTCTL431A UTC-UTCTL431A Datasheet
158Kb / 5P
LINEAR INTEGRATED CIRCUIT PROGRAMMABLE PRECISION REFERENCE
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
Programmable Precision References
June, 2016 ??Rev. 14
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
Programmable Precision References
January, 2019 ??Rev. 40
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
Programmable Precision References
April, 2022 - Rev. 43
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com