Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA6058 Datasheet (PDF) - KEC(Korea Electronics)

KIA6058 Datasheet PDF - KEC(Korea Electronics)
Part # KIA6058
Download  KIA6058 Download
File Size   116.6 Kbytes
Page   7 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT (FM FRONT-END)

KIA6058 Datasheet (PDF)

Go To PDF Page Download Datasheet
KIA6058 Datasheet PDF - KEC(Korea Electronics)

Part # KIA6058
Download  KIA6058 Click to download

File Size   116.6 Kbytes
Page   7 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT (FM FRONT-END)

KIA6058 Datasheet (HTML) - KEC(Korea Electronics)


KIA6058 Product details

FM FRONT-END

The KIA6058S/AS are designed for a FM front-end application, which are suitable to a portable radio or a radio cassette.
Comparing with conventional types, supply voltage dependence, overload characteristics and spurious radiation characteristics are improved.

FEATURES
• Wide supply voltage range : VCC(opr.)=1.6 6.0V.
• Excellent supply voltage dependence of local oscillator : Oscillation stop VCC=0.9V (Typ.).
• Improved inter-modulation characteristics by double balanced type mixer circuit.
• Low spurious radiation.
• Built-in clamping diode for the local oscillator output.




Similar Part No. - KIA6058

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA6058 KEC-KIA6058 Datasheet
93Kb / 6P
BIPOLAR LINEAR INTEGRATED CIRCUIT (FM FRONT-END)
KIA6058F KEC-KIA6058F Datasheet
93Kb / 6P
BIPOLAR LINEAR INTEGRATED CIRCUIT (FM FRONT-END)
More results


Similar Description - KIA6058

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1843 NTE-NTE1843 Datasheet
21Kb / 2P
Integrated Circuit FM Front End
logo
KEC(Korea Electronics)
KIA2017FN KEC-KIA2017FN Datasheet
256Kb / 11P
BIPOLAR LINEAR INTEGRATED CIRCUIT (FM IF DIVERSITY IC)
KIA2022AFN KEC-KIA2022AFN Datasheet
279Kb / 13P
BIPOLAR LINEAR INTEGRATED CIRCUIT (1.5V AM/FMMPX)
KIA2039FN KEC-KIA2039FN Datasheet
319Kb / 14P
BIPOLAR LINEAR INTEGRATED CIRCUIT (FM ANTENNA DIVERSITY IC)
KIA6003S KEC-KIA6003S Datasheet
99Kb / 4P
BIPOLAR LINEAR INTEGRATED CIRCUIT (FM IF SYSTEM IC)
KIA6058F KEC-KIA6058F Datasheet
93Kb / 6P
BIPOLAR LINEAR INTEGRATED CIRCUIT (FM FRONT-END)
KIA6072F KEC-KIA6072F Datasheet
457Kb / 19P
BIPOLAR LINEAR INTEGRATED CIRCUIT (FM PROCESSOR)
KIA6076F KEC-KIA6076F Datasheet
170Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (1.5V FM STEREO MULTIPLEX)
KIA6092F KEC-KIA6092F Datasheet
183Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (1.5V AM/FM TUNER)
KIA8182FN KEC-KIA8182FN Datasheet
180Kb / 9P
BIPOLAR LINEAR INTEGRATED CIRCUIT (TV/FM SYSTEM FRONT END)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com