Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P94612I Datasheet (PDF) - Tripp Lite. All Rights Reserved

P94612I Datasheet PDF - Tripp Lite. All Rights Reserved
Part # P94612I
Download  P94612I Download
File Size   470.31 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Serial ATA (SATA) Dual Power Adapter Y Cable (LP4 4pin to 2x 15pin SATA), 1x6-in. leg and 1x12-in leg

P94612I Datasheet (PDF)

Go To PDF Page Download Datasheet
P94612I Datasheet PDF - Tripp Lite. All Rights Reserved

Part # P94612I
Download  P94612I Click to download

File Size   470.31 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Serial ATA (SATA) Dual Power Adapter Y Cable (LP4 4pin to 2x 15pin SATA), 1x6-in. leg and 1x12-in leg

P94612I Datasheet (HTML) - Tripp Lite. All Rights Reserved




Similar Part No. - P94612I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P946-12I ETC2-P946-12I Datasheet
471Kb / 2P
Serial ATA (SATA) Dual Power Adapter Y Cable (LP4 4pin to 2x 15pin SATA), 12-in
logo
Tripp Lite. All Rights ...
P946-12N-2P15 TRIPPLITE-P946-12N-2P15 Datasheet
168Kb / 2P
Molex 4-Pin to 2x 15-Pin SATA Power Cable - M/2xF, 26 AWG, 1 ft.
More results


Similar Description - P94612I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P946-12I ETC2-P946-12I Datasheet
471Kb / 2P
Serial ATA (SATA) Dual Power Adapter Y Cable (LP4 4pin to 2x 15pin SATA), 12-in
logo
Assmann Electronics Inc...
AK-SATA-SP-050 ASSMANN-AK-SATA-SP-050 Datasheet
84Kb / 1P
Serial ATA (SATA) to Power Supply Connection Cable
AK-SATA-SP-075-R ASSMANN-AK-SATA-SP-075-R Datasheet
84Kb / 1P
Serial ATA (SATA) to Power Supply
AK-SATA-SP-100-R ASSMANN-AK-SATA-SP-100-R Datasheet
84Kb / 1P
Serial ATA (SATA) to Power Supply
logo
Tripp Lite. All Rights ...
P920006 TRIPPLITE-P920006 Datasheet
472Kb / 2P
Internal Power Y-Splitter Dual Drive Cable (4Pin M to 2x 4Pin SOK), 6-in
P94406I TRIPPLITE-P94406I Datasheet
465Kb / 2P
Serial ATA (SATA) Power Cable (4Pin Molex to 15pin), 6-in
P94506I TRIPPLITE-P94506I Datasheet
469Kb / 2P
Serial ATA (SATA) Power Adapter Extender Cable (4pin-4pin plus 15pin SATA), 6-in
P940-08I TRIPPLITE-P940-08I Datasheet
158Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin/7Pin), 8-in.
P948-12I TRIPPLITE-P948-12I Datasheet
164Kb / 2P
SATA to LP4 Power Cable Adapter - 7-Pin (Male) to LP4 (Female), 1 ft.
P948-20I TRIPPLITE-P948-20I Datasheet
163Kb / 2P
SATA to LP4 Power Cable Adapter - 7-Pin (Male) to LP4 (Female), 20 in.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com