Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA6278P Datasheet (PDF) - KEC(Korea Electronics)

KIA6278P Datasheet PDF - KEC(Korea Electronics)
Part # KIA6278P
Download  KIA6278P Download
File Size   104.9 Kbytes
Page   5 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT (1W SINGLE AUDIO POWER AMPLIFIER)

KIA6278P Datasheet (PDF)

Go To PDF Page Download Datasheet
KIA6278P Datasheet PDF - KEC(Korea Electronics)

Part # KIA6278P
Download  KIA6278P Click to download

File Size   104.9 Kbytes
Page   5 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT (1W SINGLE AUDIO POWER AMPLIFIER)

KIA6278P Datasheet (HTML) - KEC(Korea Electronics)


KIA6278P Product details

KIA6278P/S/F are suitable for the audio power amplifier of portable radio cassette.



FEATURES

* Very few external parts counts (only three capacitor)

* Low Quiescent Current : IccQ=6.6mA(Typ.) (Vcc=6V)

* Wide operationg supply voltage range. :Vcc=2~10V

* Output Power :POUT=720mW(TyP.) (Vcc=6V, RL=4&, THD=10%)

* Voltage Gain : Gv=40dB(Typ.)




Similar Part No. - KIA6278P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KIA6278 ETC2-KIA6278 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - KIA6278P

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE812 NTE-NTE812 Datasheet
21Kb / 2P
Integrated Circuit Audio Power Amplifier, 1W
logo
KEC(Korea Electronics)
KIA6213S KEC-KIA6213S Datasheet
638Kb / 4P
BIPOLAR LINEAR INTEGRATED CIRCUIT (AUDIO POWER AMPLIFIER)
KIA6240K KEC-KIA6240K Datasheet
381Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL AUDIO POWER AMPLIFIER)
KIA6282K KEC-KIA6282K Datasheet
209Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4.6W DUAL AUDIO POWER AMPLIFIER)
KIA8200AH KEC-KIA8200AH Datasheet
193Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL AUDIO POWER AMPLIFIER)
KIA8225H KEC-KIA8225H Datasheet
274Kb / 9P
BIPOLAR LINEAR INTEGRATED CIRCUIT (45W BTL SINGLE AUDIO POWER AMPLIFIER)
KIA8246H KEC-KIA8246H Datasheet
116Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL AUDIO POWER AMPLIFIER)
KIA8256H KEC-KIA8256H Datasheet
153Kb / 6P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE AUDIO POWER AMPLIFIER)
logo
NTE Electronics
NTE1075A NTE-NTE1075A Datasheet
76Kb / 1P
Integrated Circuit Audio Power Amplifier, 1W
NTE1224 NTE-NTE1224 Datasheet
76Kb / 1P
Integrated Circuit Audio Power Amplifier, 1W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com