Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA7019AP Datasheet (PDF) - KEC(Korea Electronics)

KIA7019AP Datasheet PDF - KEC(Korea Electronics)
Part # KIA7019AP
Download  KIA7019AP Download
File Size   415.09 Kbytes
Page   4 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT (VOLTAGE DETECTOR)

KIA7019AP Datasheet (PDF)

Go To PDF Page Download Datasheet
KIA7019AP Datasheet PDF - KEC(Korea Electronics)

Part # KIA7019AP
Download  KIA7019AP Click to download

File Size   415.09 Kbytes
Page   4 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT (VOLTAGE DETECTOR)

KIA7019AP Datasheet (HTML) - KEC(Korea Electronics)


KIA7019AP Product details

Function of this IC is accurately resetting the system after detecting voltage at the time of switching power on and instantaneous power off in various CPU systems and other logic systems.



FEATURES

Current Consumption is Low. ICCL=300A Typ. ICCH=30A Typ.

Resetting Output Minimum Guarantee Voltage is Low 0.8V Typ.

Hysteresis Voltage is Provided. 50mV Typ.

Reset Signal Generation Starting Voltages :

  KIA7019 1.9V Typ. KIA7033 3.3V Typ.

  KIA7021 2.1V Typ. KIA7034 3.4V Typ.

  KIA7023 2.3V Typ. KIA7035 3.5V Typ.

  KIA7025 2.5V Typ. KIA7036 3.6V Typ.

  KIA7027 2.7V Typ. KIA7039 3.9V Typ.

  KIA7029 2.9V Typ. KIA7042 4.2V Typ.

  KIA7031 3.1V Typ. KIA7045 4.5V Typ.

  KIA7032 3.2V Typ.

Taping Type is also Available.




Similar Part No. - KIA7019AP

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7019AP KEC-KIA7019AP_15 Datasheet
471Kb / 4P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Similar Description - KIA7019AP

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com