Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA7125P Datasheet (PDF) - KEC(Korea Electronics)

KIA7125P Datasheet PDF - KEC(Korea Electronics)
Part # KIA7125P
Download  KIA7125P Download
File Size   232.62 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description VOLTAGE SUPERVISOR WITH DELAY TIME CONTROL IC

KIA7125P Datasheet (PDF)

Go To PDF Page Download Datasheet
KIA7125P Datasheet PDF - KEC(Korea Electronics)

Part # KIA7125P
Download  KIA7125P Click to download

File Size   232.62 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description VOLTAGE SUPERVISOR WITH DELAY TIME CONTROL IC

KIA7125P Datasheet (HTML) - KEC(Korea Electronics)


KIA7125P Product details

VOLTAGE SUPERVISOR WITH DELAY TIME CONTROL IC. [1.25V ±50mV]

Function of this IC is accurately resetting the system after detecting voltage with delay time control application at the time of switching power on and instantaneous power on and instantaneous power off in various CPU systems and other logic systems.

FEATURES
• Few External Components.
• Current Consumption is Low : (ICCH=360 A Typ.).
• Resetting Output Minimum Guarantee Voltage is Low : (0.6V Typ.).
• Large Delay Time Can Generate Only by Adding a Small Capacitor. (at 0.33 F, td 100mS)
• Wide Operating Supply Voltage Range : (VCC=2 17V).
• Hysteresis Voltage is Provided : (15mV Typ.).
• Reset Signal Generation Sensing Voltage : (1.25V 50mV).

APPLICATIONS
• As System Control Circuit Against Erroneous Operations at Power ON-OFF.
• As Control Circuit of Battery-Backed Memory, Battery Indicator, Level Detector, Waveform Shapper, Delayed Waveform Generator, DC-DC Convertor, Over Voltage Protector, and So forth.
• As Resetting Function for the CPU, MCU, PCH, NCH, CMOS and Logic.




Similar Part No. - KIA7125P

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7102AF KEC-KIA7102AF Datasheet
360Kb / 3P
BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR ADJUSTABLE VOLTAGE REFERENCE)
KIA7102AP KEC-KIA7102AP Datasheet
360Kb / 3P
BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR ADJUSTABLE VOLTAGE REFERENCE)
More results


Similar Description - KIA7125P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X80120 INTERSIL-X80120 Datasheet
318Kb / 17P
Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
X80130 INTERSIL-X80130 Datasheet
336Kb / 18P
Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
X80140 INTERSIL-X80140 Datasheet
341Kb / 18P
Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
List of Unclassifed Man...
BD5260G ETC1-BD5260G Datasheet
387Kb / 4P
VOLTAGE DETECTOR IC with adjustable delay time
logo
Texas Instruments
LP3470 TI1-LP3470 Datasheet
1Mb / 22P
Voltage Supervisor With Programmable Delay
TLV840-Q1 TI-TLV840-Q1_V01 Datasheet
2Mb / 32P
TLV840-Q1 Nano-Power Voltage Supervisor with Adjustable Reset Time Delay
TLV840-Q1 TI-TLV840-Q1_V03 Datasheet
2Mb / 32P
TLV840-Q1 Nano-Power Voltage Supervisor with Adjustable Reset Time Delay
REVISED APRIL 2021
logo
Renesas Technology Corp
X80120 RENESAS-X80120 Datasheet
715Kb / 17P
Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
X80130 RENESAS-X80130 Datasheet
748Kb / 18P
Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
X80140 RENESAS-X80140 Datasheet
748Kb / 18P
Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com