Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7806 Datasheet (PDF) - KEC(Korea Electronics)

7806 Datasheet PDF - KEC(Korea Electronics)
Part # 7806
Download  7806 Download
File Size   382.77 Kbytes
Page   20 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description THREE TERMINAL POSITIVE VOLTAGE REGULATORS

7806 Datasheet (PDF)

Go To PDF Page Download Datasheet
7806 Datasheet PDF - KEC(Korea Electronics)

Part # 7806
Download  7806 Click to download

File Size   382.77 Kbytes
Page   20 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description THREE TERMINAL POSITIVE VOLTAGE REGULATORS

7806 Datasheet (HTML) - KEC(Korea Electronics)


7806 Product details

THREE TERMINAL POSITIVE VOLTAGE REGULATORS
5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, 24V.

FEATURES
• Internal Thermal Overload Protection.
• Internal Short Circuit Current Limiting.
• Output Current up to 1.5A.
• Satisfies IEC-65 Specification. (International Electronical Commission).
• Package is TO-220AB




Similar Part No. - 7806

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
7806 MOTOROLA-7806 Datasheet
278Kb / 16P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
List of Unclassifed Man...
7806 ETC1-7806 Datasheet
253Kb / 2P
LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
logo
Sonardyne sound in dept...
7806 SONARDYNE-7806 Datasheet
94Kb / 2P
Compatt Mk4 MF Directional (Discontinued)
logo
List of Unclassifed Man...
7806 ETC2-7806 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
logo
SEMTECH ELECTRONICS LTD...
7806 SEMTECH_ELEC-7806 Datasheet
221Kb / 3P
3-terminal 1 A positive voltage regulator
More results


Similar Description - 7806

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78L05S TOSHIBA-TA78L05S_07 Datasheet
666Kb / 15P
Three-Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
Three-Terminal Positive Voltage Regulators
MC78M05ACDT MCC-MC78M05ACDT Datasheet
168Kb / 3P
Three-Terminal Positive Voltage Regulators
MC78M05CDT MCC-MC78M05CDT Datasheet
330Kb / 3P
Three-Terminal Positive Voltage Regulators
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
First Silicon Co., Ltd
LM7805P FS-LM7805P Datasheet
306Kb / 12P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com