Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA8262 Datasheet (PDF) - KEC(Korea Electronics)

KIA8262 Datasheet PDF - KEC(Korea Electronics)
Part # KIA8262
Download  KIA8262 Download
File Size   162.11 Kbytes
Page   8 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT (MAX POWER 43W QUAD BTL AUDIO POWER AMPLIFIER)

KIA8262 Datasheet (PDF)

Go To PDF Page Download Datasheet
KIA8262 Datasheet PDF - KEC(Korea Electronics)

Part # KIA8262
Download  KIA8262 Click to download

File Size   162.11 Kbytes
Page   8 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT (MAX POWER 43W QUAD BTL AUDIO POWER AMPLIFIER)

KIA8262 Datasheet (HTML) - KEC(Korea Electronics)


KIA8262 Product details

MAX POWER 43W QUAD BTL AUDIO POWER AMPLIFIER

The KIA8262H is 4ch BTL audio power amplifier for car audio application.
This IC can generate more high power : POUT MAX=43W as it is included the pure complementary PNP and NPN transistor output stage.
It is designed low distortion radio for 4ch BTL audio power amplifier, built-in Stand-by Function, Muting Function, Clip detector, and diagnosis circuit.




Similar Part No. - KIA8262

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA8260AH KEC-KIA8260AH Datasheet
268Kb / 11P
BIPOLAR LINEAR INTEGRATED CIRCUIT (MAX POWER 40W QUAD BTL AUDIO POWER AMPLIFIER)
More results


Similar Description - KIA8262

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA3281H KEC-KIA3281H Datasheet
241Kb / 11P
BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
KIA6216H KEC-KIA6216H Datasheet
221Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT (15W BTL X 2CH AUDIO POWER AMPLIFIER)
KIA6220H KEC-KIA6220H Datasheet
266Kb / 13P
BIPOLAR LINEAR INTEGRATED CIRCUIT (30W BTL DUAL AUDIO POWER AMPLIFIER)
KIA6221AH KEC-KIA6221AH Datasheet
282Kb / 13P
BIPOLAR LINEAR INTEGRATED CIRCUIT (30W BTL DUAL AUDIO POWER AMPLIFIER)
KIA6280H KEC-KIA6280H Datasheet
240Kb / 11P
BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
KIA8225H KEC-KIA8225H Datasheet
274Kb / 9P
BIPOLAR LINEAR INTEGRATED CIRCUIT (45W BTL SINGLE AUDIO POWER AMPLIFIER)
KIA8251AH KEC-KIA8251AH Datasheet
249Kb / 11P
BIPOLAR LINEAR INTEGRATED CIRCUIT (MAX POWER 30W BTL X 4CH AUDIO POWER IC)
KIA8252H KEC-KIA8252H Datasheet
163Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (MAX POWER 37W QUAD BTL AUDIO POWER AMPLIFIER)
KIA8259H KEC-KIA8259H Datasheet
163Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (MAX POWER 37W QUAD BTL AUDIO POWER AMPLIFIER)
KIA8260AH KEC-KIA8260AH Datasheet
268Kb / 11P
BIPOLAR LINEAR INTEGRATED CIRCUIT (MAX POWER 40W QUAD BTL AUDIO POWER AMPLIFIER)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com