Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA7420 Datasheet (PDF) - KEC(Korea Electronics)

KIA7420 Datasheet PDF - KEC(Korea Electronics)
Part # KIA7420
Download  KIA7420 Download
File Size   352.49 Kbytes
Page   4 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description VOLTAGE DETECTOR

KIA7420 Datasheet (PDF)

Go To PDF Page Download Datasheet
KIA7420 Datasheet PDF - KEC(Korea Electronics)

Part # KIA7420
Download  KIA7420 Click to download

File Size   352.49 Kbytes
Page   4 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description VOLTAGE DETECTOR

KIA7420 Datasheet (HTML) - KEC(Korea Electronics)


KIA7420 Product details

VOLTAGE DETECTOR

This IC series is usable for the CPU system of all types and wired logic system as it has the function of detecting the power supply voltage at the time of initial resetting after switching the power supply on and after instantaneous break in power supply voltage there-by accurately resetting the system this particular series has especially been designed as the high resetting output type.

FEATURES
• Current Consumption is Low. ICCL=30μA Typ.
                                                  ICCH=300μA Typ.
• Resetting Output Minimum Guarantee Voltage is Low 0.8V Typ.
• Hysteresis Voltage is Provided 50mV Typ.
• Reset Signal Generation Starting Voltages:
   KIA7419P/F 1.9V Typ. KIA7433P/F 3.3V Typ.
   KIA7421P/F 2.1V Typ. KIA7434P/F 3.4V Typ.
   KIA7423P/F 2.3V Typ. KIA7435P/F 3.5V Typ.
   KIA7425P/F 2.5V Typ. KIA7436P/F 3.6V Typ.
   KIA7427P/F 2.7V Typ. KIA7439P/F 3.9V Typ.
   KIA7429P/F 2.9V Typ. KIA7442P/F 4.2V Typ.
   KIA7431P/F 3.1V Typ. KIA7445P/F 4.5V Typ.
   KIA7432P/F 3.2V Typ.
• Taping Type is also Available.

APPLICATIONS
(1) As Control Circuit of Battery-Backed Memory Units.
(2) As Measure Against Erroneous Operations at Power Supply ON-OFF Time.
(3) As Measure Against System Runaway at Instantaneous Break of Power Supply etc.
(4) As Resetting Function for the CPU-Mounted Equipment, such as Personal Computers, Printers, VTRs and so forth.




Similar Part No. - KIA7420

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7421P KEC-KIA7421P Datasheet
363Kb / 4P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7423P KEC-KIA7423P Datasheet
363Kb / 4P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7425P KEC-KIA7425P Datasheet
363Kb / 4P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7427P KEC-KIA7427P Datasheet
363Kb / 4P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7429P KEC-KIA7429P Datasheet
363Kb / 4P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Similar Description - KIA7420

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
VOLTAGE DETECTOR
logo
TelCom Semiconductor, I...
TC54 TELCOM-TC54 Datasheet
50Kb / 3P
VOLTAGE DETECTOR
logo
TOKO, Inc
TK610XX TOKO-TK610XX Datasheet
52Kb / 8P
VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
VOLTAGE DETECTOR
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
Voltage Detector
2007
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
VOLTAGE DETECTOR
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
VOLTAGE DETECTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com