Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPT1015 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

NPT1015 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # NPT1015_15
Download  NPT1015 Download
File Size   2269.22 Kbytes
Page   10 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description DC-3.5 GHz HEMT

NPT1015 Datasheet (PDF)

Go To PDF Page Download Datasheet
NPT1015 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # NPT1015_15
Download  NPT1015 Click to download

File Size   2269.22 Kbytes
Page   10 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description DC-3.5 GHz HEMT

NPT1015 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.




Similar Part No. - NPT1015_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1015B MA-COM-NPT1015B Datasheet
1Mb / 12P
GaN Wideband Transistor 28 V, 45 W DC - 3.5 GHz
NPT1015B-SMBPPR MA-COM-NPT1015B-SMBPPR Datasheet
1Mb / 12P
GaN Wideband Transistor 28 V, 45 W DC - 3.5 GHz
More results


Similar Description - NPT1015_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-000035-030000 MA-COM-MAGX-000035-030000 Datasheet
953Kb / 7P
GaN HEMT Power Transistor 30W CW, 30 MHz - 3.5 GHz
NPT1015 MA-COM-NPT1015 Datasheet
2Mb / 10P
Gallium Nitride 28V, 45W, DC-3.5 GHz HEMT
NPT2020 MA-COM-NPT2020 Datasheet
1Mb / 8P
Gallium Nitride 48V, 50W, DC-3.5 GHz HEMT
NPT2010 MA-COM-NPT2010_15 Datasheet
2Mb / 10P
DC-2.2 GHz HEMT
NPT2018 MA-COM-NPT2018_15 Datasheet
927Kb / 5P
DC-6 GHz HEMT
NPT2019 MA-COM-NPT2019_15 Datasheet
918Kb / 5P
DC-6 GHz HEMT
NPTB00004A MA-COM-NPTB00004A_15 Datasheet
2Mb / 10P
DC-6 GHz HEMT
logo
Cree, Inc
CGHV27030S CREE-CGHV27030S Datasheet
3Mb / 28P
30 W, DC - 6.0 GHz, GaN HEMT
Rev 2.0
logo
WOLFSPEED, INC.
CGH35060F2 WOLFSPEED-CGH35060F2 Datasheet
1Mb / 11P
60 W, 3.1 - 3.5 GHz, 28 V, GaN HEMT
Rev. 4.4, 2022-10-28
CGHV35400F1 WOLFSPEED-CGHV35400F1 Datasheet
1Mb / 21P
400 W, 2.9 - 3.5 GHz, GaN HEMT
Rev. 1.0, 2022-8-4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com