Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIC7S04FU Datasheet (PDF) - KEC(Korea Electronics)

KIC7S04FU Datasheet PDF - KEC(Korea Electronics)
Part # KIC7S04FU
Download  KIC7S04FU Download
File Size   259.8 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)

KIC7S04FU Datasheet (PDF)

Go To PDF Page Download Datasheet
KIC7S04FU Datasheet PDF - KEC(Korea Electronics)

Part # KIC7S04FU
Download  KIC7S04FU Click to download

File Size   259.8 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)

KIC7S04FU Datasheet (HTML) - KEC(Korea Electronics)


KIC7S04FU Product details

INVERTER

The KIC7S04FU is a high speed C2MOS INVERTER fabricated with silicon gate C2MOS technology.
It achieves high speed operation similar to equivalent LSTTL while maintaining the C2MOS low power dissipation.
The internal circuit is composed of 3 stages including buffer output, which enables high noise immunity and stable output.
The inputs is equipped with protection circuits against static discharge or transient excess voltage.

FEATURES
• High Speed : tpd=7ns(Typ.) at VCC=5V.
• Low Power Dissipation : ICC=1μA(Max.) at Ta=25℃.
• High Noise Immunity : VNIH=VNIL=28% VCC(Min.).
• Output Drive Capability : 5 LSTTL Loads.
• Symmetrical Output Impedance : | IOH |=IOL=2mA(Min.)
• Balanced Propagation Delays : tpLH≒tpHL
• Wide Operating Voltage Range : VCC(opr)=2∼6V.




Similar Part No. - KIC7S04FU

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Similar Description - KIC7S04FU

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC714FK KEC-KIC714FK Datasheet
250Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
KIC7S14FU KEC-KIC7S14FU Datasheet
241Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
KIC7SH04FU KEC-KIC7SH04FU Datasheet
251Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7SU04FU KEC-KIC7SU04FU Datasheet
261Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7SZ04FU KEC-KIC7SZ04FU Datasheet
203Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7WZ04FK KEC-KIC7WZ04FK Datasheet
518Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ14FK KEC-KIC7WZ14FK Datasheet
402Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
logo
Toshiba Semiconductor
TC7WG04FU TOSHIBA-TC7WG04FU Datasheet
196Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WHU04FU TOSHIBA-TC7WHU04FU_01 Datasheet
228Kb / 7P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC TRIPLE INVERTER
TC74HC04AP TOSHIBA-TC74HC04AP_07 Datasheet
255Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com