Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIC7SZ14FU Datasheet (PDF) - KEC(Korea Electronics)

KIC7SZ14FU Datasheet PDF - KEC(Korea Electronics)
Part # KIC7SZ14FU
Download  KIC7SZ14FU Download
File Size   526.72 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)

KIC7SZ14FU Datasheet (PDF)

Go To PDF Page Download Datasheet
KIC7SZ14FU Datasheet PDF - KEC(Korea Electronics)

Part # KIC7SZ14FU
Download  KIC7SZ14FU Click to download

File Size   526.72 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)

KIC7SZ14FU Datasheet (HTML) - KEC(Korea Electronics)


KIC7SZ14FU Product details

SCHMITT INVERTER

FEATURES
• High output drive : ± 24mA(min.) @VCC=3V.
• High Speed : tpd=3.7ns(typ.) @VCC=5V, 50pF.
• Wide Operating Voltage Range : VCC(opr)=1.65~5.5V.
• High Latch-Up Immunity : Higher than or equal to ± 500mA.
• High ESD : Higher than or equal to ± 200V(JEITA)
                   : Higher than or equal to ± 2000V(MIL)
• Power down protection is provided on all inputs and outputs.




Similar Part No. - KIC7SZ14FU

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7SZ125FU KEC-KIC7SZ125FU Datasheet
83Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT BUS BUFFER, 3-STATE OUTPUT
KIC7SZ125FU KEC-KIC7SZ125FU_15 Datasheet
44Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Similar Description - KIC7SZ14FU

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC714FK KEC-KIC714FK Datasheet
250Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
KIC7S14FU KEC-KIC7S14FU Datasheet
241Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
KIC7WZ14FK KEC-KIC7WZ14FK Datasheet
402Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
logo
Toshiba Semiconductor
TC7WG14FC TOSHIBA-TC7WG14FC Datasheet
176Kb / 6P
CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
TC7WG14FU TOSHIBA-TC7WG14FU Datasheet
188Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
TC7WH14FU TOSHIBA-TC7WH14FU_07 Datasheet
200Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
TC7WZ14FU TOSHIBA-TC7WZ14FU Datasheet
167Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
TC74AC14F TOSHIBA-TC74AC14F_07 Datasheet
264Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
TC74ACT14F TOSHIBA-TC74ACT14F_07 Datasheet
262Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
TC74HC14AP TOSHIBA-TC74HC14AP_07 Datasheet
268Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com