Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KID65502P Datasheet (PDF) - KEC(Korea Electronics)

KID65502P Datasheet PDF - KEC(Korea Electronics)
Part # KID65502P
Download  KID65502P Download
File Size   538.79 Kbytes
Page   7 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT

KID65502P Datasheet (PDF)

Go To PDF Page Download Datasheet
KID65502P Datasheet PDF - KEC(Korea Electronics)

Part # KID65502P
Download  KID65502P Click to download

File Size   538.79 Kbytes
Page   7 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT

KID65502P Datasheet (HTML) - KEC(Korea Electronics)


KID65502P Product details

DESCRIPTION :
The KID65501P/F Series are comprised of seven or five NPN Transistor Arrays. For proper operation, the substrate (SUB) must be connected to the most negative voltage.

FEATURES
· Output Current : 200mA Max.
· High Voltage Outputs : 35V
· Input Compatible with Various Types of Logic
   KID65501P/F ──┐
   KID65505P/F       ├  Using external resistor : General Purpose
   KID65507P/F ──┘
   KID65502P/F            RIN=7V Zener Diode+10.5kΩ : 14∼25V P-MOS
   KID65503P/F ──┐
   KID65506P/F ──┘  RIN=2.7kΩ : TTL, 5V C-MOS
   KID65504P/F RIN=10.5kΩ : 6∼15V P-MOS, C-MOS




Similar Part No. - KID65502P

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65502P KEC-KID65502P Datasheet
935Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KID65502P/F KEC-KID65502P/F Datasheet
935Kb / 7P
SEMICONDUCTOR
More results


Similar Description - KID65502P

ManufacturerPart #DatasheetDescription
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
28-Sep-2004
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R00PI KEC-KIA78R00PI Datasheet
429Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com