Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6132 Datasheet (PDF) - NEC

UPD6132 Datasheet PDF - NEC
Part # UPD6132
Download  UPD6132 Download
File Size   264.96 Kbytes
Page   64 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION

UPD6132 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD6132 Datasheet PDF - NEC

Part # UPD6132
Download  UPD6132 Click to download

File Size   264.96 Kbytes
Page   64 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION

UPD6132 Datasheet (HTML) - NEC


UPD6132 Product details

DESCRIPTION
Equipped with low-voltage 1.8V operation, a carrier generation circuit for infrared remote control transmission, a standby release function through key entry, and a programmable timer, the µPD6132 is suitable for infrared remote control transmitters.
For the µPD6132, we have made available the one-time PROM product µPD61P34B for program evaluation or small-quantity production.

FEATURES
• Program memory (ROM): 512 × 10 bits
• Data memory (RAM): 32 × 4 bits
• Built-in carrier generation circuit for infrared remote control
• 9-bit programmable timer : 1 channel
• Command execution time : 8 µs (when operating at fX = 1 MHz: ceramic oscillation)
• Stack level : 1 level (Stack RAM is for data memory RF as well.)
• I/O pins (KI/O) : 8 units
• Input pins (KI) : 4 units
• Sense input pin (S0) : 1 unit
• S1/LED pin (I/O) : 1 unit (When in output mode, this is the remore control transmission display pin.)
• Power supply voltage : VDD = 1.8 to 3.6 V (when operating at fX = 500 kHz)
                                        VDD = 2.2 to 3.6 V (when operating at fX = 1 MHz)
• Operating ambient temperature : TA = –40 to +85 ˚C
• Oscillation frequency : fX = 300 kHz to 1 MHz
• POC circuit (Mask option)

APPLICATION
    Infrared remote control transmitter (for AV and household electric appliances)




Similar Part No. - UPD6132

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD6132 RENESAS-UPD6132 Datasheet
410Kb / 66P
MOS INTEGRATED CIRCUIT
1999
UPD6132MC-XXX-5A4 RENESAS-UPD6132MC-XXX-5A4 Datasheet
410Kb / 66P
MOS INTEGRATED CIRCUIT
1999
More results


Similar Description - UPD6132

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6133 NEC-UPD6133 Datasheet
410Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD61P34B NEC-UPD61P34B Datasheet
239Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62 NEC-UPD62 Datasheet
300Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62A NEC-UPD62A Datasheet
377Kb / 62P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD64A NEC-UPD64A Datasheet
399Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6604 NEC-UPD6604 Datasheet
268Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD66P04B NEC-UPD66P04B Datasheet
164Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P4B NEC-UPD6P4B Datasheet
187Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P5 NEC-UPD6P5 Datasheet
232Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
Renesas Technology Corp
PD62 RENESAS-PD62_15 Datasheet
419Kb / 66P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com