Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1243 Datasheet (PDF) - KEC(Korea Electronics)

KTA1243 Datasheet PDF - KEC(Korea Electronics)
Part # KTA1243
Download  KTA1243 Download
File Size   334.0 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (CAMERA STROBO FLASH, HIGH CURRENT)

KTA1243 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTA1243 Datasheet PDF - KEC(Korea Electronics)

Part # KTA1243
Download  KTA1243 Click to download

File Size   334.0 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (CAMERA STROBO FLASH, HIGH CURRENT)

KTA1243 Datasheet (HTML) - KEC(Korea Electronics)


KTA1243 Product details

STROBO FLASH APPLICATION.
HIGH CURRENT APPLICATION.

FEATURES
• hFE=100ᴕ 320 (VCE=-2V, IC=-0.5A).
• hFE=70(Min.) (VCE=-2V, IC=-4A).
• Low Collector Saturation Voltage. : VCE(sat)=-0.5V (IC=-3A, IB=-75mA).




Similar Part No. - KTA1243

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1243 KEC-KTA1243_15 Datasheet
77Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
More results


Similar Description - KTA1243

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1001 KEC-KTA1001 Datasheet
327Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (CAMERA STROBO FLASH, HIGH CURRENT)
KTA1241 KEC-KTA1241 Datasheet
347Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (STROBO FLASH, HIGH CURRENT)
KTA1242D KEC-KTA1242D Datasheet
395Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (STROBO FLASH, HIGH CURRENT)
KTA1282 KEC-KTA1282 Datasheet
68Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1283 KEC-KTA1283 Datasheet
68Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1709 KEC-KTA1709 Datasheet
348Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (STROBO FLASH, HIGH CURRENT)
KTC3072D KEC-KTC3072D Datasheet
398Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT CAMERA STROBO)
KTC3226 KEC-KTC3226 Datasheet
340Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (STROBO FLASH, HIGH CURRENT)
KTC4377 KEC-KTC4377 Datasheet
306Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (STROBO FLASH, HIGH CURRENT)
KTD1146 KEC-KTD1146 Datasheet
273Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT CAMERA STROBO)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com