Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1360 Datasheet (PDF) - KEC(Korea Electronics)

KTA1360 Datasheet PDF - KEC(Korea Electronics)
Part # KTA1360
Download  KTA1360 Download
File Size   397.37 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description TRIPLE DIFFUSED PNP TRANSISTOR(AUDIO FREQUENCY AMPLIFIER)

KTA1360 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTA1360 Datasheet PDF - KEC(Korea Electronics)

Part # KTA1360
Download  KTA1360 Click to download

File Size   397.37 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description TRIPLE DIFFUSED PNP TRANSISTOR(AUDIO FREQUENCY AMPLIFIER)

KTA1360 Datasheet (HTML) - KEC(Korea Electronics)


KTA1360 Product details

AUDIO FREQUENCY AMPLIFIER APPLICATION.

FEATURES
• High Voltage : VCEO=-150V.
• Low Output Capacitance : Cob=5.0pF(Max.).
• High Transition Frequency : fT=120MHz(Typ.)
• Complementary to KTC3423.




Similar Part No. - KTA1360

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1360 KEC-KTA1360 Datasheet
365Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR
More results


Similar Description - KTA1360

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1940 KEC-KTA1940 Datasheet
273Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH POWER AMPLIFIER)
KTA1962 KEC-KTA1962 Datasheet
356Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(POWER AMPLIFIER)
KTB688 KEC-KTB688 Datasheet
284Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH POWER AMPLIFIER)
KTB817 KEC-KTB817 Datasheet
286Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH POWER AMPLIFIER)
KTC3423 KEC-KTC3423 Datasheet
400Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(AUDIO FREQUENCY AMPLIFIER)
KTC3883 KEC-KTC3883 Datasheet
112Kb / 1P
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH FREQUENCY, VHF BAND AMPLIFIER)
KTC5242 KEC-KTC5242 Datasheet
317Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(POWER AMPLIFIER)
logo
List of Unclassifed Man...
2SD1289 ETC-2SD1289 Datasheet
29Kb / 1P
PNP SILICON EPITAXIAL/NPN SILICON TRIPLE DIFFUSED TRANSISTOR AUDIO FREQUENCY AMPLIFIER
logo
Hitachi Semiconductor
2SB1061 HITACHI-2SB1061 Datasheet
411Kb / 3P
Silicon PNP Triple Diffused Low Frequency Power Amplifier
logo
NEC
2SB965 NEC-2SB965 Datasheet
40Kb / 1P
PNP Silicon Epitaxial/NPN Triple Diffused Transistor Audio Frequency Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com