Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1504 Datasheet (PDF) - KEC(Korea Electronics)

KTA1504 Datasheet PDF - KEC(Korea Electronics)
Part # KTA1504
Download  KTA1504 Download
File Size   260.53 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)

KTA1504 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTA1504 Datasheet PDF - KEC(Korea Electronics)

Part # KTA1504
Download  KTA1504 Click to download

File Size   260.53 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)

KTA1504 Datasheet (HTML) - KEC(Korea Electronics)


KTA1504 Product details

GENERAL PURPOSE APPLICATION.
SWITCHING  APPLICATION.

FEATURES
• Excellent hFE Linearity : hFE(0.1mA)/hFE(2mA)=0.95(Typ.).
• Low Noise : NF=1dB(Typ.), 10db(Max.).
• Complementary to KTC3875.




Similar Part No. - KTA1504

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
KTA1504 BILIN-KTA1504 Datasheet
230Kb / 4P
PNP Silicon Epitaxial Planar Transistor
logo
Weitron Technology
KTA1504 WEITRON-KTA1504 Datasheet
210Kb / 3P
PNP General Purpose Transistors
logo
Shenzhen Jin Yu Semicon...
KTA1504 HTSEMI-KTA1504 Datasheet
366Kb / 1P
TRANSISTOR (PNP)
logo
SeCoS Halbleitertechnol...
KTA1504 SECOS-KTA1504 Datasheet
58Kb / 1P
-0.15A , -50V PNP Plastic Encapsulated Transistor
logo
MAKO SEMICONDUCTOR CO.,...
KTA1504 MAKOSEMI-KTA1504 Datasheet
139Kb / 2P
Complementary To KTC3875.
More results


Similar Description - KTA1504

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N2906E KEC-2N2906E Datasheet
51Kb / 4P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3906U KEC-2N3906U Datasheet
186Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC327 KEC-BC327 Datasheet
267Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC856W KEC-BC856W Datasheet
248Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BSS63 KEC-BSS63 Datasheet
59Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN2907S KEC-KN2907S Datasheet
261Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN3905S KEC-KN3905S Datasheet
199Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA501E KEC-KTA501E Datasheet
398Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA701U KEC-KTA701U Datasheet
398Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA712U KEC-KTA712U Datasheet
79Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com