Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1464 Datasheet (PDF) - STMicroelectronics

AN1464 Datasheet PDF - STMicroelectronics
Part # AN1464
Download  AN1464 Download
File Size   324.5 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW-COST DOUBLE LI-ION BATTERY CHARGER

AN1464 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN1464 Datasheet PDF - STMicroelectronics

Part # AN1464
Download  AN1464 Click to download

File Size   324.5 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW-COST DOUBLE LI-ION BATTERY CHARGER

AN1464 Datasheet (HTML) - STMicroelectronics


AN1464 Product details

Description
In everyday life, more and more portable electronic appliances, such as mobile phones, are powered by rechargeable batteries with a requirement for high capacity, small size and low weight. Li-ion batteries have been widely used to support these kind of devices due to their superior capacity for a given size and weight. This Application Note explains how to use the ST6255C 8-bit Microcontroller in a cost-effective battery charger for Li-ion batteries, as implemented in the Li-ion Battery Charger Demonstration Board. The design implemented on this Board is easily scaleable to other types of Liion batteries simply by changing the software parameters and primary input voltage/current. The charger has two slots. The front one can be used to plug in a simple battery or a mobile phone with an internal battery. The rear slot is for pluging in a stand-alone battery. A pair of LEDs (green/red) are assigned to each slot to indicate the charge status. The main target MCU is the ST6255C. Among other features, this microcontroller embeds an A/D converter, a PWM signal generator and 4K bytes of program memory, which is enough to embed the algorithm. The board also supports the ST6265C MCU, which adds 128 bytes of internal EEPROM to the features of the ST6255C. The evaluation board is intended to be equipped with two mobile phone batteries and an ST62T55C OTP sample to execute the demonstration software. The software parameters are adapted to a fixed battery capacity of 600 mAh. With minor modifications to the system, it is possible to make the charger read the battery capacity and change its parameters accordingly (feature not implemented on the evaluation board). The board must be powered by an external low-voltage DC supply (6 V, 800 mA). 1




Similar Part No. - AN1464

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN1465 MICROCHIP-AN1465 Datasheet
788Kb / 14P
Digitally Addressable Lighting Interface (DALI) Communication
11/29/11
AN1467 MICROCHIP-AN1467 Datasheet
1Mb / 16P
High-Power CC/CV Battery Charger Using an Inverse SEPIC (Zeta) Topology
11/29/11
More results


Similar Description - AN1464

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
Li-Ion Battery Charger
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
Li-ion Battery Charger
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
Li-ion Battery Charger
Ver1.0
HT4921 HOTCHIP-HT4921 Datasheet
434Kb / 7P
Li-ion Battery Charger
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com