Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1660 Datasheet (PDF) - KEC(Korea Electronics)

KTA1660 Datasheet PDF - KEC(Korea Electronics)
Part # KTA1660
Download  KTA1660 Download
File Size   421.21 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE SWITCHING)

KTA1660 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTA1660 Datasheet PDF - KEC(Korea Electronics)

Part # KTA1660
Download  KTA1660 Click to download

File Size   421.21 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE SWITCHING)

KTA1660 Datasheet (HTML) - KEC(Korea Electronics)


KTA1660 Product details

HIGH VOLTAGE SWITCHING APPLICATION.

FEATURES
• High Voltage : VCEO=-150V.
• High Transition Frequency : fT=120MHz(Typ.).
• 1W (Monunted on Ceramic Substrate).
• Small Flat Package.
• Complementary to KTC4372.




Similar Part No. - KTA1660

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KTA1660 KEXIN-KTA1660 Datasheet
50Kb / 1P
Epitaxial Planar PNP Transistor
KTA1660-O KEXIN-KTA1660-O Datasheet
1Mb / 3P
PNP Transistors
KTA1660-Y KEXIN-KTA1660-Y Datasheet
1Mb / 3P
PNP Transistors
KTA1660 KEXIN-KTA1660_15 Datasheet
1Mb / 3P
PNP Transistors
More results


Similar Description - KTA1660

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTP6520A3 CYSTEKEC-BTP6520A3 Datasheet
154Kb / 4P
High Voltage PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
CPH3148 SANYO-CPH3148 Datasheet
41Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SA2204 SANYO-2SA2204 Datasheet
44Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SA2205 SANYO-2SA2205 Datasheet
44Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
SFT1101 SANYO-SFT1101 Datasheet
62Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
SFT1102 SANYO-SFT1102 Datasheet
62Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PCP1101 SANYO-PCP1101 Datasheet
60Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PCP1102 SANYO-PCP1102 Datasheet
59Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3151 SANYO-CPH3151 Datasheet
57Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3152 SANYO-CPH3152 Datasheet
58Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com