Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1661 Datasheet (PDF) - KEC(Korea Electronics)

KTA1661 Datasheet PDF - KEC(Korea Electronics)
Part # KTA1661
Download  KTA1661 Download
File Size   337.92 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)

KTA1661 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTA1661 Datasheet PDF - KEC(Korea Electronics)

Part # KTA1661
Download  KTA1661 Click to download

File Size   337.92 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)

KTA1661 Datasheet (HTML) - KEC(Korea Electronics)


KTA1661 Product details

HIGH CURRENT APPLICATION.

FEATURES
• High Voltage : VCEO=-120V.
• High Transition Frequency : fT=120MHz(Typ.).
• 1W(Monunted on Ceramic Substrate).
• Small Flat Package.
• Complementary to KTC4373.




Similar Part No. - KTA1661

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KTA1661 KEXIN-KTA1661 Datasheet
50Kb / 1P
Epitaxial Planar PNP Transistor
logo
KEC(Korea Electronics)
KTA1661 KEC-KTA1661 Datasheet
47Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
logo
Nanjing International G...
KTA1661 DGNJDZ-KTA1661 Datasheet
978Kb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
KTA1661-O KEXIN-KTA1661-O Datasheet
917Kb / 2P
PNP Transistors
KTA1661-Y KEXIN-KTA1661-Y Datasheet
917Kb / 2P
PNP Transistors
More results


Similar Description - KTA1661

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
BCW68 KEC-BCW68 Datasheet
145Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1271 KEC-KTA1271 Datasheet
230Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1272 KEC-KTA1272 Datasheet
113Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1273 KEC-KTA1273 Datasheet
278Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1282 KEC-KTA1282 Datasheet
68Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1283 KEC-KTA1283 Datasheet
68Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1663 KEC-KTA1663 Datasheet
284Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1664 KEC-KTA1664 Datasheet
343Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
MPS8550 KEC-MPS8550 Datasheet
68Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
MPS8550S KEC-MPS8550S Datasheet
390Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com