Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1666 Datasheet (PDF) - KEC(Korea Electronics)

KTA1666 Datasheet PDF - KEC(Korea Electronics)
Part # KTA1666
Download  KTA1666 Download
File Size   407.26 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)

KTA1666 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTA1666 Datasheet PDF - KEC(Korea Electronics)

Part # KTA1666
Download  KTA1666 Click to download

File Size   407.26 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)

KTA1666 Datasheet (HTML) - KEC(Korea Electronics)


KTA1666 Product details

POWER AMPLIFIER APPLICATIONS.
POWER SWITCHING APPLICATIONS.

FEATURES
• Low Saturation Voltage : VCE(sat)=-0.5V(Max.) (IC=-1A)
• High Speed Switching Time : tstg=1.0μS(Typ.)
• PC=1 ~ 2W (Mounted on Ceramic Substrate)
• Small Flat Package.
• Complementary to KTC4379.




Similar Part No. - KTA1666

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
KTA1666 WEITRON-KTA1666 Datasheet
332Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
KTA1666 HTSEMI-KTA1666 Datasheet
370Kb / 1P
TRANSISTOR (PNP)
logo
SHENZHEN YONGERJIA INDU...
KTA1666 WINNERJOIN-KTA1666 Datasheet
128Kb / 1P
TRANSISTOR (PNP)
logo
GUANGDONG HOTTECH INDUS...
KTA1666 HOTTECH-KTA1666 Datasheet
222Kb / 2P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
KTA1666 BILIN-KTA1666 Datasheet
205Kb / 4P
PNP Silicon Epitaxial Planar Transistor
Rev.A
More results


Similar Description - KTA1666

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1281 KEC-KTA1281 Datasheet
578Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTA1296 KEC-KTA1296 Datasheet
72Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTA1298 KEC-KTA1298 Datasheet
248Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW FREQUENCY POWER AMPLIFIER, POWER SWITCHING)
KTA1715 KEC-KTA1715 Datasheet
460Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTA1718D KEC-KTA1718D Datasheet
413Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTA1725 KEC-KTA1725 Datasheet
487Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH POWER AMPLIFIER)
KTA1726 KEC-KTA1726 Datasheet
78Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH POWER AMPLIFIER)
KTB2955 KEC-KTB2955 Datasheet
267Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH POWER AMPLIFIER)
KTC2814 KEC-KTC2814 Datasheet
410Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
TIP34C KEC-TIP34C Datasheet
73Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH POWER AMPLIFIER)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com