Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1716 Datasheet (PDF) - KEC(Korea Electronics)

KTA1716 Datasheet PDF - KEC(Korea Electronics)
Part # KTA1716
Download  KTA1716 Download
File Size   128.82 Kbytes
Page   1 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE, TELEPHONE POWER-SUPPLY USE)

KTA1716 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTA1716 Datasheet PDF - KEC(Korea Electronics)

Part # KTA1716
Download  KTA1716 Click to download

File Size   128.82 Kbytes
Page   1 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE, TELEPHONE POWER-SUPPLY USE)

KTA1716 Datasheet (HTML) - KEC(Korea Electronics)


KTA1716 Product details

HIGH-VOLTAGE SWITCHING TRANSISTOR
​​​​​​​TELEPHONE POWER-SUPPLY USE.

FEATURES
• High Breakdown Voltage : VCEO=-600V
• Low VCE(sat) (Typ. -0.25V((IC=-300mA, IB=-60mA).
• Fast Switching.
• Wide SOA.




Similar Part No. - KTA1716

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1715 KEC-KTA1715 Datasheet
460Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTA1715 KEC-KTA1715 Datasheet
414Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR
logo
Foshan Blue Rocket Elec...
KTA1715 FOSHAN-KTA1715 Datasheet
860Kb / 6P
Silicon PNP transistor in a TO-126F Plastic Package.
logo
KEC(Korea Electronics)
KTA1715 KEC-KTA1715 Datasheet
414Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR
KTA1715 KEC-KTA1715_03 Datasheet
414Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR
More results


Similar Description - KTA1716

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1279 KEC-KTA1279 Datasheet
59Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE, TELEPHONE)
MMBTA42 KEC-MMBTA42 Datasheet
290Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE, TELEPHONE)
MMBTA92 KEC-MMBTA92 Datasheet
230Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE TELEPHONE)
MPSA42 KEC-MPSA42 Datasheet
73Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE, TELEPHONE )
MPSA92 KEC-MPSA92 Datasheet
72Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE, TELEPHONE )
logo
Cystech Electonics Corp...
BTP6520A3 CYSTEKEC-BTP6520A3 Datasheet
154Kb / 4P
High Voltage PNP Epitaxial Planar Transistor
BTPA94A3 CYSTEKEC-BTPA94A3 Datasheet
156Kb / 4P
High Voltage PNP Epitaxial Planar Transistor
BTP6520N3 CYSTEKEC-BTP6520N3 Datasheet
151Kb / 4P
High Voltage PNP Epitaxial Planar Transistor
BTB9050N3 CYSTEKEC-BTB9050N3 Datasheet
278Kb / 7P
High Voltage PNP Epitaxial Planar Transistor
BTP9050N3 CYSTEKEC-BTP9050N3 Datasheet
281Kb / 7P
High Voltage PNP Epitaxial Planar Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com