Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC3194 Datasheet (PDF) - KEC(Korea Electronics)

KTC3194 Datasheet PDF - KEC(Korea Electronics)
Part # KTC3194
Download  KTC3194 Download
File Size   504.98 Kbytes
Page   4 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY LOW NOISE AMPLIFIER, VHF BAND AMPLIFIER)

KTC3194 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTC3194 Datasheet PDF - KEC(Korea Electronics)

Part # KTC3194
Download  KTC3194 Click to download

File Size   504.98 Kbytes
Page   4 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY LOW NOISE AMPLIFIER, VHF BAND AMPLIFIER)

KTC3194 Datasheet (HTML) - KEC(Korea Electronics)


KTC3194 Product details

HIGH FREQUENCY LOW NOISE AMPLIFIER APPLICATION.
VHF BAND AMPLIFIER APPLICATION.

FEATURES
• Small Reverse Transfer Capacitance : Cre=0.7pF(Typ.).
• Low Noise Figure : NF=2.5dB(Typ.) (f=100MHz).




Similar Part No. - KTC3194

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3194 KEC-KTC3194 Datasheet
20Kb / 1P
TO-92 PACKAGE
logo
Foshan Blue Rocket Elec...
KTC3194 FOSHAN-KTC3194 Datasheet
770Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
KTC3194 JIANGSU-KTC3194 Datasheet
404Kb / 3P
TO-92 Plastic-Encapsulate Transistors
logo
Goodwork Semiconductor ...
KTC3194R GWSEMI-KTC3194R Datasheet
579Kb / 2P
Plastic-Encapsulate Transistors
logo
KEC(Korea Electronics)
KTC3194 KEC-KTC3194_05 Datasheet
20Kb / 1P
TO-92 PACKAGE
More results


Similar Description - KTC3194

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
BFQ31 KEC-BFQ31 Datasheet
128Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
BFS20 KEC-BFS20 Datasheet
125Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
KTC3195 KEC-KTC3195 Datasheet
515Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY LOW NOISE AMPLIFIER, VHF BAND AMPLIFIER)
KTC3197 KEC-KTC3197 Datasheet
623Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
KTC3880 KEC-KTC3880 Datasheet
390Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY LOW NOISE AMPLIFIER, VHF BAND AMPLIFIER)
KTC3881 KEC-KTC3881 Datasheet
385Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
KTC4080 KEC-KTC4080 Datasheet
386Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY LOW NOISE AMPLIFIER, VHF BAND AMPLIFIER)
KTC4081 KEC-KTC4081 Datasheet
381Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
KTC9016 KEC-KTC9016 Datasheet
118Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY LOW NOISE AMPLIFIER, HF, VHF BAND AMPLIFIER)
KTC9018 KEC-KTC9018 Datasheet
120Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY LOW NOISE AMPLIFIER, VHF BAND AMPLIFIER)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com