Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC3206 Datasheet (PDF) - KEC(Korea Electronics)

KTC3206 Datasheet PDF - KEC(Korea Electronics)
Part # KTC3206
Download  KTC3206 Download
File Size   438.75 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description TRIPLE DIFFUSED NPN TRANSISTOR (BLACK AND WHITE TV VIDEO OUTPUT, HIGH VOLTAGE SWITCHING)

KTC3206 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTC3206 Datasheet PDF - KEC(Korea Electronics)

Part # KTC3206
Download  KTC3206 Click to download

File Size   438.75 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description TRIPLE DIFFUSED NPN TRANSISTOR (BLACK AND WHITE TV VIDEO OUTPUT, HIGH VOLTAGE SWITCHING)

KTC3206 Datasheet (HTML) - KEC(Korea Electronics)


KTC3206 Product details

BLACK AND WHITE TV VIDEO OUTPUT APLICATION.
HIGH VOLTAGE SWITCHING APPLICATION.

FEATURES
• High Breakdown Voltage : VCEO=150V(Min.).
• Low Output Capacitance : Cob=5.0pF(Max.).
• High Transition Frequency : fT=120MHz(Typ.).




Similar Part No. - KTC3206

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3206 KEC-KTC3206 Datasheet
810Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Foshan Blue Rocket Elec...
KTC3206 FOSHAN-KTC3206 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package.
logo
Jiangsu Changjiang Elec...
KTC3206 JIANGSU-KTC3206 Datasheet
4Mb / 3P
TO-92L Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
KTC3206-O KEXIN-KTC3206-O Datasheet
1Mb / 3P
NPN Transistors
KTC3206-Y KEXIN-KTC3206-Y Datasheet
1Mb / 3P
NPN Transistors
More results


Similar Description - KTC3206

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3333 TOSHIBA-2SC3333 Datasheet
180Kb / 3P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING, COLOR TV CHROMA OUTPUT APPLICATIONS)
2SC3334 TOSHIBA-2SC3334 Datasheet
190Kb / 3P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING, COLOR TV CHROMA OUTPUT APPLICATIONS)
logo
KEC(Korea Electronics)
BF420 KEC-BF420 Datasheet
369Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING AND AMPLIFIER,COLOR TV CHROMA OUTPUT)
BF422 KEC-BF422 Datasheet
417Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING AND AMPLIFIER,COLOR TV CHROMA OUTPUT)
KTC1001 KEC-KTC1001 Datasheet
123Kb / 1P
TRIPLE DIFFUSED NPN TRANSISTOR(COLOR TV CHROMA OUTPUT)
KTC3207 KEC-KTC3207 Datasheet
458Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE SWITCHING, COLOR TV HORIZONTAL DIRVER, COLOR TV CHROMA OUTPUT)
KTC3208 KEC-KTC3208 Datasheet
367Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR (COLOR TV CHROMA OUTPUT)
KTC3217 KEC-KTC3217 Datasheet
283Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE SWITCHING, COLOR TV HORIZONTAL DIRVER, COLOR TV CHROMA OUTPUT)
KTC4217 KEC-KTC4217 Datasheet
401Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR (COLOR TV CHROMA OUTPUT AND AUDIO OUTPUT)
logo
List of Unclassifed Man...
2SD1496 ETC-2SD1496 Datasheet
51Kb / 1P
SILICON NPN TRIPLE DIFFUSED HIGH VOLTAGE POWER SWITCHING TV HORIZONTAL DEFLECTION OUTPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com