Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC4372 Datasheet (PDF) - KEC(Korea Electronics)

KTC4372 Datasheet PDF - KEC(Korea Electronics)
Part # KTC4372
Download  KTC4372 Download
File Size   356.33 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description TRIPLE DIFFUSED NPN TRANSISTOR(HIGH VOLTAGE SWITCHING)

KTC4372 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTC4372 Datasheet PDF - KEC(Korea Electronics)

Part # KTC4372
Download  KTC4372 Click to download

File Size   356.33 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description TRIPLE DIFFUSED NPN TRANSISTOR(HIGH VOLTAGE SWITCHING)

KTC4372 Datasheet (HTML) - KEC(Korea Electronics)


KTC4372 Product details

HIGH VOLTAGE SWITCHING APPLICATION.

FEATURES
• High Voltage : VCEO=150V.
• High Transition Frequency : fT=120MHz(Typ.).
• 1W (Monunted on Ceramic Substrate).
• Small Flat Package.
• Complementary to KTA1660.




Similar Part No. - KTC4372

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KTC4372 KEXIN-KTC4372 Datasheet
50Kb / 1P
Triple Diffused NPN Transistor
logo
Shenzhen Jin Yu Semicon...
KTC4372 HTSEMI-KTC4372 Datasheet
337Kb / 1P
TRANSISTOR (NPN)
logo
Galaxy Semi-Conductor H...
KTC4372 BILIN-KTC4372 Datasheet
222Kb / 4P
Triple Diffused NPN Transistor
Rev.A
logo
Jiangsu Changjiang Elec...
KTC4372 JIANGSU-KTC4372 Datasheet
1Mb / 3P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTC4372 DGNJDZ-KTC4372 Datasheet
1Mb / 3P
SOT-89-3L Plastic-Encapsulate Transistors
More results


Similar Description - KTC4372

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC4520F KEC-KTC4520F Datasheet
375Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH VOLTAGE SWITCHING)
KTC4521 KEC-KTC4521 Datasheet
366Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING)
KTC4521F KEC-KTC4521F Datasheet
382Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING)
MJE13003 KEC-MJE13003 Datasheet
381Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE AND HIGH SPEED SWITCHING)
logo
Hitachi Semiconductor
2SC1706 HITACHI-2SC1706 Datasheet
49Kb / 1P
SILICON NPN TRIPLE DIFFUSED HIGH VOLTAGE SWITCHING
2SC2267 HITACHI-2SC2267 Datasheet
39Kb / 1P
SILICON NPN TRIPLE DIFFUSED HIGH VOLTAGE SWITCHING
logo
NEC
2SC4346 NEC-2SC4346 Datasheet
112Kb / 5P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH SPEED SWITCHING, HIGH VOLTAGE SWITCHING
2SC4942 NEC-2SC4942 Datasheet
115Kb / 6P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
logo
Sunspirit Electronic Lt...
2SC5388-LF SUNSPIRIT-2SC5388-LF Datasheet
765Kb / 3P
High-Voltage Switching Applications NPN Triple Diffused Planar Silicon Transistor
logo
Cystech Electonics Corp...
BTC3097J3 CYSTEKEC-BTC3097J3 Datasheet
327Kb / 7P
High Voltage NPN Triple Diffused Planar Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com