Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703014A Datasheet (PDF) - NEC

UPD703014A Datasheet PDF - NEC
Part # UPD703014A
Download  UPD703014A Download
File Size   309.31 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER

UPD703014A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD703014A Datasheet PDF - NEC

Part # UPD703014A
Download  UPD703014A Click to download

File Size   309.31 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER

UPD703014A Datasheet (HTML) - NEC


UPD703014A Product details

DESCRIPTION
The µPD703014A, 703014AY, 703015A, 703015AY, 703017A, and 703017AY (V850/SA1) are 32-/16-bit single-chip microcontrollers that include the CPU core of the V850 FamilyTM, and peripheral functions such as ROM/RAM, timer/counters, serial interfaces, an A/D converter, a timer, and a DMA controller.

FEATURES
● Number of instructions: 74
● Minimum instruction execution time:
    59 ns (@ 17 MHz operation with main system clock (fXX))
    50 ns (@ 20 MHz operation with main system clock (fXX))
    30.5 µs (@ 32.768 kHz operation with subsystem clock (fXT))
● General-purpose registers: 32 bits × 32 registers
● Instruction set:
    Signed multiplication, saturation operations, 32-bit shift instructions, bit manipulation instructions, load/store instructions
● Memory space:
    16 MB linear address space Memory block allocation function: 2 MB per block
● External bus interface: 16-bit data bus Address bus: Separate output enabled
● Internal memory
    Mask ROM: 64 KB (µPD703014A, 703014AY) 128 KB (µPD703015A, 703015AY) 256 KB (µPD703017A, 703017AY)
    RAM: 4 KB (µPD703014A, 703014AY, 703015A, 703015AY) 8 KB (µPD703017A, 703017AY)
● Interrupts and exception External: 8, internal: 23, exception: 1
● I/O lines Total: 85
● Timer/counters 16-bit timer: 2 channels 8-bit timer: 4 channels
● Watch timer: 1 channel
● Watchdog timer: 1 channel
● Serial interface (SIO) Asynchronous serial interface (UART) Clocked serial interface (CSI) I2C bus interface (µPD703014AY, 703015AY, 703017AY)
● A/D converter: 12 channels
● DMA controller: 3 channels
● RTP: 8 bits × 1 channel or 4 bits × 2 channels
● Power-saving functions: HALT/IDLE/STOP modes
● Packages: 100-pin plastic LQFP (14 × 14) 121-pin plastic FBGA (12 × 12)




Similar Part No. - UPD703014A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD703000 RENESAS-UPD703000 Datasheet
627Kb / 90P
MOS INTEGRATED CIRCUIT
1996
UPD703000GC-25-XXX-7EA RENESAS-UPD703000GC-25-XXX-7EA Datasheet
627Kb / 90P
MOS INTEGRATED CIRCUIT
1996
UPD703000GC-33-XXX-7EA RENESAS-UPD703000GC-33-XXX-7EA Datasheet
627Kb / 90P
MOS INTEGRATED CIRCUIT
1996
UPD703001GC-25-7EA RENESAS-UPD703001GC-25-7EA Datasheet
627Kb / 90P
MOS INTEGRATED CIRCUIT
1996
UPD703001GC-33-7EA RENESAS-UPD703001GC-33-7EA Datasheet
627Kb / 90P
MOS INTEGRATED CIRCUIT
1996
More results


Similar Description - UPD703014A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703034A NEC-UPD703034A Datasheet
356Kb / 31P
V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3017A NEC-UPD70F3017A Datasheet
337Kb / 8P
V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Infineon Technologies A...
XC2230L INFINEON-XC2230L_15 Datasheet
2Mb / 112P
16/32-Bit Single-Chip Microcontroller
V1.3 2015-02
XC2200 INFINEON-XC2200 Datasheet
1Mb / 62P
16/32-Bit Single-Chip Microcontroller
XC2269I INFINEON-XC2269I Datasheet
1Mb / 134P
16/32-Bit Single-Chip Microcontroller
V1.3, 2014-07
XC2288I INFINEON-XC2288I Datasheet
1Mb / 145P
16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com