Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTD1937 Datasheet (PDF) - KEC(Korea Electronics)

KTD1937 Datasheet PDF - KEC(Korea Electronics)
Part # KTD1937
Download  KTD1937 Download
File Size   435.95 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT SWITCHING, LAMP SOLENOID)

KTD1937 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTD1937 Datasheet PDF - KEC(Korea Electronics)

Part # KTD1937
Download  KTD1937 Click to download

File Size   435.95 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT SWITCHING, LAMP SOLENOID)

KTD1937 Datasheet (HTML) - KEC(Korea Electronics)


KTD1937 Product details

HIGH CURRENT SWITCHING APPLICATION.
LAMP SOLENOID DRIVER.

FEATURES
• High hFE : 500 ~ 1500(IC=1A).
• Low Saturation : VCE(sat)=0.35V(Max.) (IC=5A).




Similar Part No. - KTD1937

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1937 KEC-KTD1937 Datasheet
466Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR
KTD1937 KEC-KTD1937_07 Datasheet
466Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR
KTD1937 KEC-KTD1937_15 Datasheet
466Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR
More results


Similar Description - KTD1937

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD1947A TOSHIBA-2SD1947A Datasheet
221Kb / 4P
NPN EPITAXIAL TYPE (HIGH CURRENT SWITCHING, LAMP, SOLENOID DRIVE APPLICATIONS)
logo
KEC(Korea Electronics)
KTC1804D KEC-KTC1804D Datasheet
407Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT SWITCHING)
KTD2066 KEC-KTD2066 Datasheet
385Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT SWITCHING, LAMP SOLENOID DRIVER)
logo
Sanyo Semicon Device
2SC5979 SANYO-2SC5979 Datasheet
43Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6071 SANYO-2SC6071 Datasheet
42Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3246 SANYO-CPH3246 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3247 SANYO-CPH3247 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6094 SANYO-2SC6094 Datasheet
43Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6097 SANYO-2SC6097 Datasheet
46Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6144 SANYO-2SC6144 Datasheet
62Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com