Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTD2061 Datasheet (PDF) - KEC(Korea Electronics)

KTD2061 Datasheet PDF - KEC(Korea Electronics)
Part # KTD2061
Download  KTD2061 Download
File Size   266.09 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE TV, MONITOR VERTICAL OUTPUT, DRIVER STAGE, COLOR TV CLASS B SOUND OUTPUT)

KTD2061 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTD2061 Datasheet PDF - KEC(Korea Electronics)

Part # KTD2061
Download  KTD2061 Click to download

File Size   266.09 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE TV, MONITOR VERTICAL OUTPUT, DRIVER STAGE, COLOR TV CLASS B SOUND OUTPUT)

KTD2061 Datasheet (HTML) - KEC(Korea Electronics)


KTD2061 Product details

HIGH VOLTAGE APPLICATION
TV, MONITOR VERTICAL OUTPUT APPLICATION
DRIVER STAGE APPLICATION
COROR TV CLASS B SOUND OUTPUT APPLICATION

FEATURES
• High Breakdown Voltage : VCEO=180V(Min.)
• High Transition Frequency : fT=100MHz(Typ.)
• High Current : IC(max)=2A.
• Complementary to KTB1369.




Similar Part No. - KTD2061

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
KTD2061 ISC-KTD2061 Datasheet
151Kb / 2P
isc Silicon NPN Power Transistor
logo
Jiangsu Changjiang Elec...
KTD2061 JIANGSU-KTD2061 Datasheet
1Mb / 2P
TO-220F Plastic-Encapsulate Transistors
logo
Kinetic Technologies.
KTD2061 KINETIC-KTD2061 Datasheet
235Kb / 3P
36-Channel RGB LED Drivers with I2C Control
August 2022 - Revision 04e
KTD2061EUAC-EV1 KINETIC-KTD2061EUAC-EV1 Datasheet
235Kb / 3P
36-Channel RGB LED Drivers with I2C Control
August 2022 - Revision 04e
KTD2061EUAC-TR KINETIC-KTD2061EUAC-TR Datasheet
235Kb / 3P
36-Channel RGB LED Drivers with I2C Control
August 2022 - Revision 04e
More results


Similar Description - KTD2061

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2230 TOSHIBA-2SC2230 Datasheet
180Kb / 3P
TRANSISTOR (HIGH VOLTAGE GENERAL AMPLIFIER, COLOR TV CLASS B SOUND OUTPUT APPLICATIONS)
2SC3621 TOSHIBA-2SC3621 Datasheet
187Kb / 3P
NPN EPITAXIAL TYPE (COLOR TV VERT. DEFLECTION,CLASS B SOUND OUTPUT APPLICATIONS)
logo
KEC(Korea Electronics)
KTB1369 KEC-KTB1369 Datasheet
261Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE TV, MONITOR VERTICAL OUTPUT, DRIVER STAGE, COLOR TV CLASS B SOUND OUTPUT)
KTB1469 KEC-KTB1469 Datasheet
259Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE TV, MONITOR VERTICAL OUTPUT, DRIVER STAGE, COLOR TV CLASS B SOUND OUTPUT)
KTC1026 KEC-KTC1026 Datasheet
432Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR(HIGH VOLTAGE COLOR TV CLASS B SOUND OUTPUT)
KTC3228 KEC-KTC3228 Datasheet
448Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (COLOR TV VERTICAL DEFLECTION OUTPUT, COLOR TV CLASS B SOUND OUTPUT)
KTD2161 KEC-KTD2161 Datasheet
264Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE TV, MONITOR VERTICAL OUTPUT, DRIVER STAGE, COLOR TV CLASS B SOUND OUTPUT)
TA1275 KEC-TA1275 Datasheet
479Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (COLOR TV VERTICAL DEFLECTION OUTPUT, COLOR TV CLASS B SOUND OUTPUT)
logo
Toshiba Semiconductor
2SA1408 TOSHIBA-2SA1408_07 Datasheet
139Kb / 5P
Color TV Vertical Deflection Output Applications Color TV Class-B Sound Output Applications
logo
Fairchild Semiconductor
FJC2383YTF FAIRCHILD-FJC2383YTF Datasheet
442Kb / 6P
NPN Epitaxial Silicon Transistor Color TV Audio Output & Color TV Vertical Deflection Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com