Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE13007 Datasheet (PDF) - KEC(Korea Electronics)

MJE13007 Datasheet PDF - KEC(Korea Electronics)
Part # MJE13007
Download  MJE13007 Download
File Size   262.7 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description TRIPLE DIFFUSED NPN TRANSISTOR (SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER)

MJE13007 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE13007 Datasheet PDF - KEC(Korea Electronics)

Part # MJE13007
Download  MJE13007 Click to download

File Size   262.7 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description TRIPLE DIFFUSED NPN TRANSISTOR (SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER)

MJE13007 Datasheet (HTML) - KEC(Korea Electronics)


MJE13007 Product details

SWITCHING REGULATOR APPLICATION.
HIGH VOLTAGE SWITCHING APPLICATION.
HIGH SPEED DC-DC CONVERTER APPLICATION.

FEATURES
• Excellent Switching Times :
   tON=1.6µs(Max.),tf = 0.7µs(Max.), at IC= 5A
• IHgh Collector Voltage :VCBO = 700V.




Similar Part No. - MJE13007

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE13007 MOSPEC-MJE13007 Datasheet
192Kb / 4P
POWER TRANSISTORS(8A,300-400V,80W)
logo
Motorola, Inc
MJE13007 MOTOROLA-MJE13007 Datasheet
337Kb / 10P
POWER TRANSISTOR 8.0 AMPERES 400 VOLTS 80/40 WATTS
logo
ON Semiconductor
MJE13007 ONSEMI-MJE13007 Datasheet
337Kb / 10P
POWER TRANSISTOR
May, 2001 ??Rev. 3
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Jun-1998
logo
Wing Shing Computer Com...
MJE13007 WINGS-MJE13007 Datasheet
87Kb / 1P
NPN SILICON TRANSISTOR(ELECTRONIC TRANSFORMERS , POWER SWICHING CIRCUIT)
More results


Similar Description - MJE13007

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3306 TOSHIBA-2SC3306 Datasheet
210Kb / 3P
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATION)
01-Sep-1997
2SC3405 TOSHIBA-2SC3405 Datasheet
182Kb / 4P
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
2SC4157 TOSHIBA-2SC4157 Datasheet
98Kb / 2P
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
03-Feb-1997
2SC5075 TOSHIBA-2SC5075 Datasheet
203Kb / 3P
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
03-Feb-1997
2SC5353 TOSHIBA-2SC5353 Datasheet
190Kb / 4P
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
05-Nov-1997
2SC5354 TOSHIBA-2SC5354 Datasheet
103Kb / 2P
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
logo
KEC(Korea Electronics)
KTC4419 KEC-KTC4419 Datasheet
309Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH SPEED DC-DC CONVERTER)
MJE13005 KEC-MJE13005 Datasheet
374Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR (SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER, FLUORESCENT LIGHT BALLSTOR)
MJE13005F KEC-MJE13005F Datasheet
352Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR (SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER, FLUORESCENT LIGHT BALLSTOR)
MJE13007F KEC-MJE13007F Datasheet
289Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR (SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com